Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PD-9612GC/AC-US Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-9612GC/AC-US
Description  Multi-Port IEEE짰 802.3bt-Compliant 90W PoE Midspan Family With Network Management
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9612GC/AC-US Datasheet(HTML) 1 Page - Microchip Technology

  PD-9612GC/AC-US Datasheet HTML 1Page - Microchip Technology PD-9612GC/AC-US Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD-96xxGC Family
Multi-Port IEEE® 802.3bt-Compliant 90W PoE Midspan Family
With Network Management
Features
• Supports IEEE802.3bt type 4 standard PDs
• IEEE 802.3af/at backward compatible
• Legacy and pre-standard support
• 6, 12 and 24 ports
• Supports 10/100/1000 Mbps,
• PowerView™ Pro, remote web-based SNMPv3
power management environment
microchip.com
Summary
Microchip's PD-96xx-GC family is a multiport
solution with 6, 12 or 24 ports for remote
powering of current as well as emerging
high-power applications. The PD-96xxGC family
is designed specifically to power IEEE 802.11
access points, Pan-Tilt-Zoom (PTZ) and dome
cameras, IP videophones, thin clients and other
high-power Ethernet end terminals with 90W
of power. The PD-96xxGC family supports IEEE
802.3bt-powered devices and is also backward
compatible and safe to use with any IEEE®
802.3af/at terminal. With the midspan’s plug-
and-play installation, it is easy and cost effective
to leverage existing Ethernet infrastructure
while providing the assurance of a future-proof
network.
Specifications
Feature
Description
Number of Ports
6/12/24
Data Rate
10/100/1000 Mbps
Input Power
Requirement
AC Input Voltage: 100 to 240 Vac
AC Input Current:
6-port 450 Unit: 6A @ 100 Vac
12-port 950W Unit: 12A @ 100 Vac
24-port 950W Unit: 12A @ 100 Vac
AC Frequency: 50/60 Hz
Output Power
User Port Power: 90 Watts
Aggregate Power: 450W (6-port) or 950W (12- and 24-port)
Power over Ethernet
Output
Spare Pair: 4/5(+), 7/8(-)
Data Pair: 3/6(+), 1/2(-)
Nominal Output Voltage: 54 Vdc
Dimensions
L × W × H
438 mm × 272 mm × 44 mm
17.3 in. × 10.8 in. × 1.75 in.
Net Weight
PD-9606GC 4.54 kg
PD-9612GC 5.34 kg
PD-9624GC 5.48 kg
Connectors
Ports: 6-Port Gang-Shielded RJ-45, EIA 568A and 568B
AC Connector: IEC 69320 Type C14
DC Connector: Terminal Block Connector With Two Positive
(+) and Two Negative (-) Terminals
Communication Port: USB Type A and Shielded RJ45
Indicators
System Indicator:
AC Power - Green
Channel Power Indicators:
Power Supplied Over Data and Spare Pairs: Green
Power Supplied Over Data or Spare Pairs: Orange
Management
PowerView Pro included
Environmental
Conditions
Operating Ambient Temperature: 32⁰F to 104⁰F (0⁰C to +40⁰C)
Operating Humidity: 90% Maximum, Non-Condensing
Storage Temperature: –4⁰F to +158⁰F (–20⁰C to +70⁰C)
Storage Humidity: 95% Maximum, Non-Condensing
Operating Altitude: -1000 to 6,561 ft (–304.8 to2000m)
Hazardous Substances
CE, WEEE
Warranty
3 years
Extended Warranty
Available
Contact Microchip
Reliability
MTBF: 85,000 Hr for PD-9612GC and PD-9624GC
247,000 Hr for PD-9606GC
Thermal Rating
486 BTU/Hr (6 Port)
810 BTU/Hr (12 Port)
810 BTU/Hr (24 Port)
Regulatory Compliance
IEEE® 802.3bt, IEEE 802.3af/at
Electromagnetic
Emission and
Immunity
FCC Part 15, Class B
EN 55032 Class B
EN 55024
VCCI
Safety
UL/IEC/EN 62368-1
Please contact Microchip for a complete list of certifications


Similar Part No. - PD-9612GC/AC-US

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD-9612GC/AC-US MICROCHIP-PD-9612GC/AC-US Datasheet
528Kb / 2P
90W/Port Gigabit Midspan Family for High-Power Powered Devices
11/20
More results

Similar Description - PD-9612GC/AC-US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
PD-6500G MICROSEMI-PD-6500G Datasheet
927Kb / 2P
Business-class Midspan Family with Network Management System and Lifetime Warranty
PD-9000G MICROSEMI-PD-9000G Datasheet
928Kb / 2P
IEEE802.3at Compliant 36W/Port Midspan Family
PD-9001GR MICROSEMI-PD-9001GR Datasheet
550Kb / 2P
Single-port Gigabit PoE Midspan, 802.3at Compliant
logo
Microchip Technology
PD-95XX-10GC MICROCHIP-PD-95XX-10GC Datasheet
490Kb / 2P
Multi-port IEEE802.3bt Compliant 60W PoE Midspan Family with Network Management
6/21
PD-9501-10GC MICROCHIP-PD-9501-10GC Datasheet
488Kb / 2P
Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
6/21
PD-9606GC MICROCHIP-PD-9606GC Datasheet
528Kb / 2P
90W/Port Gigabit Midspan Family for High-Power Powered Devices
11/20
PD-6500G MICROCHIP-PD-6500G Datasheet
401Kb / 2P
Multi-port 802.3af Compliant Midspan Family With Network Management System
5/21
PD-9000G MICROCHIP-PD-9000G Datasheet
462Kb / 2P
IEEE짰 802.3at Compliant 36W/Port Midspan Family
5/21
PD-9601GC MICROCHIP-PD-9601GC Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com