Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2003 Datasheet(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2003
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2003 Datasheet(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LM2003 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2003 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2003 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2003 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2003 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2003 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2003 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2003 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2003 Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
P- Channel Typical Electrical and Thermal Characteristics (Curves)
Figure 1:Switching Test Circuit
TJ-Junction Temperature(℃)
Figure 3 Power Dissipation
-Vds Drain-Source Voltage (V)
Figure 5 Output Characteristics
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2:Switching Waveforms
TJ-Junction Temperature(℃)
Figure 4 Drain Current
-ID- Drain Current (A)
Figure 6 Drain-Source On-Resistance
Rev :
www.leiditech.com
01.06.2014
7/10
LM2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com