Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS31256 Datasheet(PDF) 182 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 182 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 175Page - Maxim Integrated Products DS31256 Datasheet HTML 176Page - Maxim Integrated Products DS31256 Datasheet HTML 177Page - Maxim Integrated Products DS31256 Datasheet HTML 178Page - Maxim Integrated Products DS31256 Datasheet HTML 179Page - Maxim Integrated Products DS31256 Datasheet HTML 180Page - Maxim Integrated Products DS31256 Datasheet HTML 181Page - Maxim Integrated Products DS31256 Datasheet HTML 182Page - Maxim Integrated Products DS31256 Datasheet HTML 183Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 182 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
182 of 183
17.3 Single T3 with 512 HDLC Channel Support
Figure 17-6 shows an application where a T3 line is interfaced to two DS31256s. The T3 line is
demultiplexed by the M13 block and passed to the DS21FF42 and DS21FT42 devices. The T1 framers
locate the frame and multiframe boundaries and interface to the DS31256. Aggregating four T1 lines into
a single 8.192MHz data stream is not required since the DS31256 has enough physical ports to support
the application, but aggregation could be done to cut down on the number of electrical connections
between the DS31256 and the T1 framers. The T1 lines can be either clear channel or channelized.
Figure 17-6. T3 Application (512 HDLC Channels)
DS31256
#1
DS21FF42
4 x 4
16-Channel
T1 Framer
DS21FT42
4 x 3
12-Channel
T1 Framer
DS3112
M13
Interface
1
2
16
Port 0
Port 1
Port 2
Port 3
17
18
28
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port 10
Port 11
Port 12
Port 13
Port 14
Port 15
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port 10
Port 11
Port 12
Port 13
Port 14
Port 15
DS31256
#2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com