Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZHX2022 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # ZHX2022
Description  FIR TRANSCEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZHX2022 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button ZHX2022 Datasheet HTML 17Page - Zilog, Inc. ZHX2022 Datasheet HTML 18Page - Zilog, Inc. ZHX2022 Datasheet HTML 19Page - Zilog, Inc. ZHX2022 Datasheet HTML 20Page - Zilog, Inc. ZHX2022 Datasheet HTML 21Page - Zilog, Inc. ZHX2022 Datasheet HTML 22Page - Zilog, Inc. ZHX2022 Datasheet HTML 23Page - Zilog, Inc. ZHX2022 Datasheet HTML 24Page - Zilog, Inc. ZHX2022 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ZHX2022
FIR Transceiver
PS021802-1005
17
Current Derating Diagram
Figure 6 shows the maximum operating temperature when the device is operated
without external current limiting resistor. A power dissipating resistor of 2
is rec-
ommended from the cathode of the IRED to Ground for supply voltages above
4 V. In that case the device can be operated up to 85 °C, too.
Figure 6. Temperature Derating Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com