Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCRT-WCC Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # BCRT-WCC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-WCC Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button BCRT-WCC Datasheet HTML 13Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 14Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 15Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 16Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 17Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 18Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 19Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 20Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
RTI-17
MODE CODE/SUBADDRESS OUTPUTS
NAME
PIN NUMBER
DESCRIPTION
LCC
PGA
MC/SA
21
K6
TO
--
Mode Code/Subaddress Indicator. If MC/SA is
low, it indicates that the most recent command
word is a mode code command. If MC/SA is
high, it indicates that the most recent command
word is for a subaddress. This output indicates
whether the mode code/subaddress outputs
(i.e., MCSA(4:0)) contain mode code or sub-
address information.
MCSA4 19
K5
TO
--
Mode Code/Subaddress 4. If MC/SA is low,
this pin represents the most significant bit of
the the most recent command word (the MSB
of the mode code). If MC/SA is high, this pin
represents the MSB of the subaddress.
MCSA3 18
J5
TO
--
Mode Code/Subaddress 3.
MCSA2 17
L4
TO
--
Mode Code/Subaddress 2.
MCSA1 16
K4
TO
--
Mode Code/Subaddress 1.
MCSA0 14
L2
TO
--
Mode Code/Subaddress 0. If MC/SA is low,
this pin represents the least significant bit of
the the most recent command word. If MC/SA
is high, this pin represents the LSB of the sub-
address
BIPHASE INPUTS
NAME
PIN NUMBER
DESCRIPTION
LCC
PGA
BIPHASE IN A Z
39
G9
TI
--
Receiver - Channel A, Zero Input. Idle low
Manchester input from the 1553 bus transceiver.
BIPHASE IN A O
37
H10
TI
--
Receiver - Channel A, One Input. This input is
thecomplement of BIPHASE IN A Z.
BIPHASE IN B Z
34
J10
TI
--
Receiver - Channel B, Zero Input. Idle low
Manchester input from the 1553 bus transceiver.
BIPHASE IN B O
33
K10
TI
--
Receiver - Channel B, One Input. This input is
the complement of BIPHASE IN B Z.
TYPE
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com