Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCRT-GCX Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # BCRT-GCX
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-GCX Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button BCRT-GCX Datasheet HTML 2Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 3Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 4Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 5Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 6Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 7Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 8Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 9Page - List of Unclassifed Manufacturers BCRT-GCX Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
RTI-6
7
[0]
Channel B Enabled. A logic one indicates that Channel B is available for
both reception and transmission.
8
[0]
Channel A Enabled. A logic one indicates that Channel A is available for
both reception and transmission.
9
[1]
Terminal Flag Enabled. A logic one indicates that the Bus Controller has
not issued an Inhibit Terminal Flag mode code. A logic zero indicates that
the Bus Controller, via the above mode code, is overriding the host sys-
tem’s ability to set the Terminal Flag bit of the status word.
10
[0]
Busy. A logic one indicates the Busy bit is set. This bit is reset when the
SystemBusy bit in the Control Register is reset.
11
[0]
Self-Test. A logic one indicates that the RTI is in the self-test mode. This
bit isreset when the self-test is terminated.
12
[0]
TA Parity Error. A logic one indicates the wrong Terminal Address parity;
it causes the biphase inputs to be disabled and a message error condition.
This bit is reset by reloading the terminal address latch with correct parity.
13
[0]
Message Error. A logic one indicates that a message error has occurred
since the last System Register read. This bit is not reset until the System
Register has been examined and the message error condition is removed.
14
[0]
Valid Message. A logic one indicates that a valid message has been
received since the last System Register read. This bit is not reset until the
System Register has been examined.
15
[0]
Terminal Active. A logic one indicates the device is executing a transmit or
receive operation. The state of this bit is the logical NAND of the external
XMIT and RCV pins.
MCSA
4
MCSA
3
TAPA
ERR
MESS
ERR
VAL
MESS
MCSA
0
MCSA
1
MCSA
2
SELF-
TEST
TERM
ACTV
BUSY
TFEN
CH A
EN
CH B
EN
CHNL
A/B
MC/
SA
Figure 5. System Registers
[0]
[0]
[0]
[0]
[0]
[0]
[1]
[0]
[0]
[1]
[0]
[0]
[0]
[0]
[0]
[0]
[ ] defines reset state
SYSTEM REGISTER (READ ONLY)
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com