Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZBPA Datasheet(PDF) 1 Page - Schneider Electric

Part # ZBPA
Description  Harmony XB4, Transparent boot for circular flush push button 횠22
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBPA Datasheet(HTML) 1 Page - Schneider Electric

  ZBPA Datasheet HTML 1Page - Schneider Electric ZBPA Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Harmony XB4, Transparent boot for
circular flush push button Ø22
ZBPA
Product availability : Stock - Normally stocked in distribution
facility
Price* : 12.40 USD
Main
Range of product
Harmony XB4
Harmony XB5
Accessory / Separate Part Type
Single boot
Accessory / separate part
category
Protection accessories
Accessory / separate part
destination
Flush push-button
Shape
Round
Quantity per Set
Set of 10
Complementary
Color
Transparent
Net Weight
0.00 lb(US) (0.002 kg)
Ordering and shipping details
Category
22469 - PUSHBUTTON,22MM ACCESSORIES-NEW
Discount Schedule
CS2
GTIN
00785901237822
Nbr. of units in pkg.
1
Package weight(Lbs)
0.07 oz (2 g)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.55 in (1.4 cm)
Package 1 width
1.18 in (3 cm)
Package 1 Length
1.18 in (3 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
10
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 8, 2021
1


Similar Part No. - ZBPA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBP0 SCHNEIDER-ZBP0 Datasheet
123Kb / 2P
Harmony XB4, Transparent boot for circular projecting push button 횠22
ZBP012 SCHNEIDER-ZBP012 Datasheet
93Kb / 2P
Harmony XB4, Harmony XB5, black boot for circular flush pushbutton 횠22 mm
Nov 8, 2021
ZBP013 SCHNEIDER-ZBP013 Datasheet
117Kb / 2P
Harmony XB5, Harmony XB4, green boot for circular flush pushbutton 횠22 mm
Nov 8, 2021
ZBP014 SCHNEIDER-ZBP014 Datasheet
162Kb / 2P
Harmony XB4, Harmony XB5, red boot for circular flush pushbutton 횠22 mm
Nov 8, 2021
ZBP015 SCHNEIDER-ZBP015 Datasheet
116Kb / 2P
Harmony XB5, Harmony XB4, yellow boot for circular flush pushbutton 횠22 mm
Nov 8, 2021
More results

Similar Description - ZBPA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBA708 SCHNEIDER-ZBA708 Datasheet
96Kb / 2P
Harmony XB4, Silicone boot for flush double-headed push button 횠22, clear
ZBA709 SCHNEIDER-ZBA709 Datasheet
125Kb / 2P
Harmony XB4, Silicone boot for triple-headed push button 횠22, clear
ZBA710 SCHNEIDER-ZBA710 Datasheet
125Kb / 2P
Harmony XB4, Silicone boot for flush and projecting double-headed push button 횠22, clear
ZBP0 SCHNEIDER-ZBP0 Datasheet
123Kb / 2P
Harmony XB4, Transparent boot for circular projecting push button 횠22
ZBP012 SCHNEIDER-ZBP012 Datasheet
93Kb / 2P
Harmony XB4, Harmony XB5, black boot for circular flush pushbutton 횠22 mm
Nov 8, 2021
ZBP013 SCHNEIDER-ZBP013 Datasheet
117Kb / 2P
Harmony XB5, Harmony XB4, green boot for circular flush pushbutton 횠22 mm
Nov 8, 2021
ZBP014 SCHNEIDER-ZBP014 Datasheet
162Kb / 2P
Harmony XB4, Harmony XB5, red boot for circular flush pushbutton 횠22 mm
Nov 8, 2021
ZBP015 SCHNEIDER-ZBP015 Datasheet
116Kb / 2P
Harmony XB5, Harmony XB4, yellow boot for circular flush pushbutton 횠22 mm
Nov 8, 2021
ZBP016 SCHNEIDER-ZBP016 Datasheet
129Kb / 2P
Harmony XB4, Harmony XB5, blue boot for circular flush pushbutton 횠22 mm
Nov 8, 2021
ZBP0A SCHNEIDER-ZBP0A Datasheet
123Kb / 2P
Harmony XB4, Transparent boot for circular flush or projecting push button 횠22
Nov 8, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com