Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WSH41FC Datasheet(PDF) 4 Page - Winson Semiconductor Corp.

Part # WSH41FC
Description  Hall Effect Sensor IC with Complementary Output Drivers and Frequency Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH41FC Datasheet(HTML) 4 Page - Winson Semiconductor Corp.

  WSH41FC Datasheet HTML 1Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 2Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 3Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 4Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 5Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 6Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 7Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 8Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 9Page - Winson Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
WSH41FC
Winson reserves the right to make changes to improve reliability or manufacturability.
Characteristics
Symbol
Quantity
Ta= -20˚C to +90˚C
Min
Typ.
Max
Unit
Operate Point
Bop
Grade A
Grade B
Grade C
30
50
40
70
70
120
Gauss
Release Point
Brp
Grade A
Grade B
Grade C
-50
-30
-70
-40
-120
-70
Gauss
Hysteresis Window
Bop-Brp
40
150 Gauss
SIP- 4L: WSH41FC-XPAN
Elec. Grade
SIP- 5L: WSH41FC-XPCN
SIP-4L & SIP-5L:
SOT-25: WSH41FC-XPDN
1: A Grade (50 Gauss)
2: B Grade (70 Gauss)
3: C Grade (120 Gauss)
Elec. Grade
SOT-25:
N: No-Lead process
1: A Grade (50 Gauss)
2: B Grade (70 Gauss)
©Winson, 2003 Jan



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com