Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSM7524 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM7524
Description  DTMF Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7524 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM7524 Datasheet HTML 1Page - OKI electronic componets MSM7524 Datasheet HTML 2Page - OKI electronic componets MSM7524 Datasheet HTML 3Page - OKI electronic componets MSM7524 Datasheet HTML 4Page - OKI electronic componets MSM7524 Datasheet HTML 5Page - OKI electronic componets MSM7524 Datasheet HTML 6Page - OKI electronic componets MSM7524 Datasheet HTML 7Page - OKI electronic componets MSM7524 Datasheet HTML 8Page - OKI electronic componets MSM7524 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
¡ Semiconductor
MSM7524
5/21
Analog ground, 0 V.
This pin should be common with DG (pin 23) at the system ground point.
Pin No.
Name
I/O
8AG
Power supply, +5 V.
9VDD
Power down control.
When digital "1" is applied to
PON, the whole circuitry on chip falls
into the power down mode.
This pin is pulled-up to digit "1" internaly.
10
PON
I
X1 and X2 are connected to a 3.579545 MHz crystal to generate a
crystal clock for the chip.
If required to use an external clock, X1 should be left open and X2
should be connected to the external clock source via a capacitor
of 100 pF.
11
X1
I
12
X2
O
3.579545 MHz clock output.
13
CLKO
O
External processor interface clock input.
During "WRITE" mode, the data on D4 to D1 pins are written into the
internal register at the falling edge of SCLK. During "READ" mode,
the output data from the internal register appears on D4 to D1 pins
at the rising edge of SCLK.
SCLK is not required to be a periodic clock pulse stream. SCLK is
internally pulled-down to digital "0".
14
SCLK
I
Chip select.
When
CS is on digital "0", "READ" and "WRITE" operations become
possible.
CS is internally pulled-down.
15
CS
I
Address data input.
When digital "1" is applied to AD0, data writing into the control
register and data reading out from the status register become possible.
When digital "0" is applied to, data writing into the DTMF tone transmit
register and data reading out from the DTMF tone receive register
become possible. AD0 is internally pulled-down.
16
ADO
I
"READ" and "WRITE" control signal input.
"READ" or "WRITE" operation becomes possible during digital "1" or "0",
respectively.
R/
W is internally pulled-down to digital "0".
17
R/
W
I
18
D4
I/O
19
D3
I/O
20
D2
I/O
21
D1
I/O
4-bit micro-processor interface bus.
All pins are internally pulled-down.
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com