Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CTLVC8040F-2R2M Datasheet(PDF) 1 Page - Central Technologies

Part # CTLVC8040F-2R2M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLVC8040F-2R2M Datasheet(HTML) 1 Page - Central Technologies

  CTLVC8040F-2R2M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.13.15
Power Inductors - Shielded
www.ctparts.com
CTLVC8040F
Series
From 0.9µH to 820µH
SPECIFICATIONS
Please specify inductance tolerance code when ordering.
CTLVC8040F-2R0_
M = ±20%, N = ±30%
*Isat: DC current (A) that will cause L to drop approximately 30%.
**Irms: DC current (A) that will cause an approximate DT of 40°C.
L Test
DCR
*Isat
**Irms
Part
Inductance
Freq.
±30%
Typ.(Max.)
Typ.(Max.)
Number
(µH)
(kHz)
(mΩ)
(A)
(A)
CTLVC8040F-R90N
0.9
100
7
13.8(12.42)
8.05(7.24)
CTLVC8040F-1R0N
1.0
100
7.5
13.0(11.70)
7.95(7.15)
CTLVC8040F-1R4N
1.4
100
9
10.8(9.72)
7.8(7.02)
CTLVC8040F-1R5N
1.5
100
9.5
10.0(9.00)
7.7(6.93)
CTLVC8040F-2R0_
2.0
100
11
9.6(8.64)
7.4(6.66)
CTLVC8040F-2R2_
2.2
100
11.5
9.2(8.28)
7.2(6.48)
CTLVC8040F-2R5_
2.5
100
13
8.2(7.38)
6.3(5.67)
CTLVC8040F-3R3_
3.3
100
15
7.5(6.75)
6.0(5.40)
CTLVC8040F-4R7_
4.7
100
18
6.0(5.40)
5.5(4.95)
CTLVC8040F-5R6_
5.6
100
23
5.7(5.13)
5.2(4.68)
CTLVC8040F-6R8_
6.8
100
25
5.4(4.86)
5.1(4.59)
CTLVC8040F-100_
10
100
38
4.3(3.87)
3.8(3.42)
CTLVC8040F-120_
12
100
45
3.8(3.42)
3.5(3.15)
CTLVC8040F-150_
15
100
50
3.6(3.24)
3.2(2.88)
CTLVC8040F-180_
18
100
68
3.1(2.79)
2.7(2.43)
CTLVC8040F-220_
22
100
80
2.8(2.52)
2.6(2.34)
CTLVC8040F-330_
33
100
110
2.3(2.07)
2.0(1.80)
CTLVC8040F-470_
47
100
160
1.9(1.71)
1.75(1.57)
CTLVC8040F-680_
68
100
240
1.7(1.53)
1.45(1.30)
CTLVC8040F-101_
100
100
340
1.4(1.26)
1.10(0.99)
CTLVC8040F-121_
120
100
425
1.1(0.99)
1.0(0.90)
CTLVC8040F-151_
150
100
480
1.0(0.90)
0.9(0.81)
CTLVC8040F-221_
220
100
670
0.94(0.84)
0.60(0.54)
CTLVC8040F-271_
270
100
900
0.83(0.74)
0.55(0.49)
CTLVC8040F-821_
820
100
2800
0.40(0.36)
0.38(0.34)
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD power inductors sealed with magnetic resin.
Applications: Smart phones, DSC, Tablet PC’s, DC/DC
converters, etc.
Operating Temperature: -55°C to 125°C (including
self - temperature rise)
Inductance Tolerance: ±20%, ±30%
Testing: Inductance is tested on an HP4284A at 100kHz, 1V
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
D
D
Magnetic Shielding
7.5
2.5
3.4
2.5
Size
mm
inches
Unit: mm
A
B
C
D
8.0±0.2
8.0±0.2
4.0+0.2, -0.3
2.3±0.3
0.315±0.008
0.315±0.008
0.157+0.008, -0.012
0.091±0.012


Similar Part No. - CTLVC8040F-2R2M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLVC4012F CT-CTLVC4012F Datasheet
86Kb / 1P
Power Inductors - Shielded
CTLVC4018F CT-CTLVC4018F Datasheet
87Kb / 1P
Power Inductors - Shielded
REV 03.03.15
CTLVC4018F-100M CT-CTLVC4018F-100M Datasheet
87Kb / 1P
Power Inductors - Shielded
REV 03.03.15
CTLVC4018F-100N CT-CTLVC4018F-100N Datasheet
87Kb / 1P
Power Inductors - Shielded
REV 03.03.15
CTLVC4018F-101M CT-CTLVC4018F-101M Datasheet
87Kb / 1P
Power Inductors - Shielded
REV 03.03.15
More results

Similar Description - CTLVC8040F-2R2M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com