Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML9222 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML9222
Description  32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9222 Datasheet(HTML) 2 Page - OKI electronic componets

  ML9222 Datasheet HTML 1Page - OKI electronic componets ML9222 Datasheet HTML 2Page - OKI electronic componets ML9222 Datasheet HTML 3Page - OKI electronic componets ML9222 Datasheet HTML 4Page - OKI electronic componets ML9222 Datasheet HTML 5Page - OKI electronic componets ML9222 Datasheet HTML 6Page - OKI electronic componets ML9222 Datasheet HTML 7Page - OKI electronic componets ML9222 Datasheet HTML 8Page - OKI electronic componets ML9222 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
¡ Semiconductor
ML9222
2/25
FEDL9222-02
BLOCK DIAGRAM
Timing Generator
DIM OUT
SYNC OUT1
SYNC OUT2
DUP/TRI
OSC
Control
Out1-32
32bit Shift Register
in1-10
Dimming Latch
Out1-10
10bit Digital
Dimming
POR
CS
CLOCK
DATA I/O
Out1-3
3bit Shift Register
POR
POR
POR
4H
Out1-32
Segment Latch
3
in1-32
0H
3H
POR
Out1-32
Segment Latch
2
in1-32
0H
2H
POR
Out1-32
Segment Latch
1
in1-32
0H
1H
POR
Mode Select
in1-3
POR
0H
7H
5V
Regulator
&
Power On
Reset
VCC
(5V)
L-GND
POR
Out1-32
96 to 32 Segment Control
in1-32
in1-32
in1-32
32 Segment Driver
D-GND
VDD
3 Grid pre Driver
GRID2 GRID3
GRID1
SEG32
SEG1
VREG
(5V)
5
¥ 5 Key Scan and Encoder Switch Interface
INT
8ch, 8bit
A/D Converter
OSCO
CH1
CH8
COL1
COL5
ROW1
ROW5
A1 B1
5H
6H
7H
A2 B2 A3 B3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com