Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZP9D-DIN1 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ZP9D-DIN1
Description  ??for Zlinx??Standard Wireless IO products
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ZP9D-DIN1 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ZP9D-DIN1 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All product specifications are subject to change without notice.
www.advantech-bb.com
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
Accessories
– for Zlinx™ Standard Wireless IO products
ORDERING INFORMATION
MODEL NUMBER DESCRIPTION
FOR USE WITH
ZP9D-DIN1
DIN Rail Mounting Clip, Spring, Screws
ZZx Wireless I/O
ZZ9D-ANT1
900 MHz, 2.1 dBi Antenna
ZZx Wireless I/O
ZZ24D-ANT1
2.4 GHz, 2.1 dBi Antenna
ZZx Wireless I/O
ZZ-TB1
Terminal Blocks, DIP Switch Cover
ZZx Wireless I/O
ZZ-PROG1-USB USB Programming Module, Cable, Software CD ZZx Wireless I/O
ZZx series industrial I/O modules add wireless remote I/O to Modbus
systems – from PLCs to HMIs to PC based software applications.
B+B SmartWorx offers a selection of accessories and replacement parts
for use with these products.
DIN Rail Mounting Bracket
Model ZP9D-DIN1
Model ZZ-PROG1-USB is a snap-on programming module with cable and software
CD for B+B SmartWorx Zlinx ZZx series standard industrial wireless I/O products. The
module provides a convenient way to interface base and expansion modules with a PC
and the software used to configure them. Includes:
USB Programming Module
Model ZZ-PROG1-USB
Model ZP9D-DIN1 is a spare/replacement DIN rail mounting bracket for B+B SmartWorx
Zlinx ZZx series standard industrial wireless I/O products.
+ Metal mounting bracket with spring and 4 screws included
Model ZZ9D-ANT1 is a 900 MHz spare /replacement antenna for B+B SmartWorx
Zlinx ZZx series standard industrial wireless I/O products.
+ 900 MHz, 2.1 dBi
+ RPSMA di-pole
900 MHz, 2.1 dBi Antenna
Model ZZ9D-ANT1
Model ZZ24D-ANT1 is a 2.4 GHz spare/replacement antenna for B+B SmartWorx
Zlinx ZZx series standard industrial wireless I/O products.
+ 2.4 GHz, 2.1 dBi
+ RPSMA di-pole
2.4 GHz, 2.1 dBi Antenna
Model ZZ24D-ANT1
Model ZZ-TB1 accessory kit includes removable terminal blocks and a DIP switch cover
for B+B SmartWorx Zlinx ZZx series standard industrial wireless I/O products. Includes:
+ (2) 2-position 3.5mm terminal block, 8A, 300V, 28-16 AWG
+ (2) 4-position 3.5mm terminal block, 8A, 300V, 28-16 AWG
+ (2) 8-position 3.5mm terminal block, 8A, 300V
+ (1) protective DIP switch cover
Terminal Blocks & DIP Switch Cover
Model ZZ-TB1
+ ZZ-PROG1-USB Configuration Module with USB
interface instead of serial interface
+ Modbus-Mode Quick Start Guide (print)
+ Peer-to-Peer Mode Quick Start Guide (print)
+ 1 USB cable, 1 meter
+ CD-ROM disc with:
• Zlinx I/O Manager Configuration Software
• Zlinx I/O Firmware Updater
• USB Driver
• Manual (PDF format)
• Modbus-Mode Quick Start Guide (PDF)
• Peer-to-Peer Mode Quick Start Guide (PDF)
Accessories_ZlinxStdWirelessIO_5017ds


Similar Part No. - ZP9D-DIN1

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
ZP9-10-G2T YAMAICHI-ZP9-10-G2T Datasheet
56Kb / 1P
90째 Active Eject Pin Header
ZP9-12-G2T YAMAICHI-ZP9-12-G2T Datasheet
56Kb / 1P
90째 Active Eject Pin Header
ZP9-14-G2T YAMAICHI-ZP9-14-G2T Datasheet
56Kb / 1P
90째 Active Eject Pin Header
ZP9-16-G2T YAMAICHI-ZP9-16-G2T Datasheet
56Kb / 1P
90째 Active Eject Pin Header
ZP9-20-G2T YAMAICHI-ZP9-20-G2T Datasheet
56Kb / 1P
90째 Active Eject Pin Header
More results

Similar Description - ZP9D-DIN1

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4435N AEROFLEX-ACT4435N Datasheet
118Kb / 6P
Standard Products ACT4435N Transceiver for H009 Specification
logo
Seiko Instruments Inc
SP521P SII-SP521P Datasheet
479Kb / 5P
LIQUID CRYSTAL DISPLAYS(STANDARD PRODUCTS)
logo
Numonyx B.V
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
logo
Kyocera Kinseki Corpota...
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
3.2횞2.5mm for Consumer Products
logo
Tyco Electronics
1734300-1 MACOM-1734300-1 Datasheet
7Mb / 116P
Products for Mobile Equipment
logo
List of Unclassifed Man...
7721-8PPSG ETC2-7721-8PPSG Datasheet
103Kb / 2P
Standard Products - Insulating Shoulder Washers
logo
Ohmite Mfg. Co.
SINK-CP4 OHMITE-SINK-CP4 Datasheet
436Kb / 2P
Designed for Ohmite products
logo
PHOENIX CONTACT
2736783 PHOENIX-2736783 Datasheet
43Kb / 2P
Configuration plug ID-PLUG, necessary to configure the Wireless-IO modules
logo
Semtech Corporation
SX1308 SEMTECH-SX1308 Datasheet
2Mb / 35P
WIRELESS & SENSING PRODUCTS
SX1301 SEMTECH-SX1301 Datasheet
1Mb / 40P
WIRELESS & SENSING PRODUCTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com