Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMD2672 Datasheet(PDF) 21 Page - ams AG

Part # TMD2672
Description  Digital Proximity Detector
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2672 Datasheet(HTML) 21 Page - ams AG

Back Button TMD2672 Datasheet HTML 17Page - ams AG TMD2672 Datasheet HTML 18Page - ams AG TMD2672 Datasheet HTML 19Page - ams AG TMD2672 Datasheet HTML 20Page - ams AG TMD2672 Datasheet HTML 21Page - ams AG TMD2672 Datasheet HTML 22Page - ams AG TMD2672 Datasheet HTML 23Page - ams AG TMD2672 Datasheet HTML 24Page - ams AG TMD2672 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
ams Datasheet
Page 21
[v1-00] 2015-Mar-23
Document Feedback
TMD2672 − Principles of Operation
Register Set
The device is controlled and monitored by data registers and a
command register accessed through the serial interface. These
registers provide for a variety of control functions and can be
read to determine results of the ADC conversions. The Register
Set is summarized in Figure 26.
Figure 26:
Register Address
The mechanics of accessing a specific register depends on the
specific protocol used. See the section on I²C protocols on the
previous pages. In general, the Command register is written first
to specify the specific control/status register for following
read/write operations.
Address
Register Name
R/W
Register Function
Reset Value
----
COMMAND
W
Specifies register address
0x00
0x00
ENABLE
R/W
Enables states and interrupts
0x00
0x02
PTIME
R/W
Proximity ADC time
0xFF
0x03
WTIME
R/W
Wait time
0xFF
0x08
PILTL
R/W
Proximity interrupt low threshold low byte
0x00
0x09
PILTH
R/W
Proximity interrupt low threshold high byte
0x00
0x0A
PIHTL
R/W
Proximity interrupt high threshold low byte
0x00
0x0B
PIHTH
R/W
Proximity interrupt high threshold high byte
0x00
0x0C
PERS
R/W
Interrupt persistence filter
0x00
0x0D
CONFIG
R/W
Configuration
0x00
0x0E
PPULSE
R/W
Proximity pulse count
0x00
0x0F
CONTROL
R/W
Control register
0x00
0x11
REVISION
R
Die revision number
Rev Num.
0x12
ID
R
Device ID
ID
0x13
STATUS
R
Device status
0x00
0x18
PDATAL
R
Proximity ADC low data register
0x00
0x19
PDATAH
R
Proximity ADC high data register
0x00
0x1E
POFFSET
R/W
Proximity Offset register
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com