Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS5045 Datasheet(PDF) 22 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 22 Page - ams AG

Back Button AS5045 Datasheet HTML 18Page - ams AG AS5045 Datasheet HTML 19Page - ams AG AS5045 Datasheet HTML 20Page - ams AG AS5045 Datasheet HTML 21Page - ams AG AS5045 Datasheet HTML 22Page - ams AG AS5045 Datasheet HTML 23Page - ams AG AS5045 Datasheet HTML 24Page - ams AG AS5045 Datasheet HTML 25Page - ams AG AS5045 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Page 22
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Detailed Description
The benefits of AS5045 are as follows:
• Complete system-on-chip
• Flexible system solution provides absolute and PWM
outputs simultaneously
• Ideal for applications in harsh environments due to
contactless position sensing
• No calibration required
Programming the AS5045
After power-on, programming the AS5045 is enabled with the
rising edge of CSn and Prog = logic high. 16 bit configuration
data must be serially shifted into the OTP register via the Prog
pin. The first “CCW” bit is followed by the zero position data
(MSB first) and the Mode setting bits. Data must be valid at the
rising edge of CLK (see Figure 23).
After writing the data into the OTP register it can be
permanently programmed by rising the Prog pin to the
programming voltage VPROG. 16 CLK pulses (tPROG) must be
applied to program the fuses (see Figure 24). To exit the
programming mode, the chip must be reset by a
power-on-reset. The programmed data is available after the
next power-up.
Note(s): During the programming process, the transitions in
the programming current may cause high voltage spikes
generated by the inductance of the connection cable. To avoid
these spikes and possible damage to the IC, the connection
wires, especially the signals Prog and VSS must be kept as short
as possible. The maximum wire length between the VPROG
switching transistor and pin Prog should not exceed 50mm (2
inches). To suppress eventual voltage spikes, a 10nF ceramic
capacitor should be connected close to pins VPROG and VSS.
This capacitor is only required for programming, it is not
required for normal operation. The clock timing tclk must be
selected at a proper rate to ensure that the signal Prog is stable
at the rising edge of CLK (see Figure 23). Additionally, the
programming supply voltage should be buffered with a 10μF
capacitor mounted close to the switching transistor. This
capacitor aids in providing peak currents during programming.
The specified programming voltage at pin Prog is 7.3 ~ 7.5V.
Refer to programming conditions in Figure 10.
To compensate for the voltage drop across the VPROG switching
transistor, the applied programming voltage may be set slightly
higher (7.5 ~ 8.0V, see Figure 25).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com