Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAF Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # BAF
Description  High Capacity Enclosed Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BAF Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  BAF Datasheet HTML 1Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 2Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 3Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 4Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 5Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 6Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 7Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 8Page - Honeywell Solid State Electronics Center BAF Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
High Capacity Enclosed Switches
MICRO SWITCH™
BAF/DTF Series
DESCRIPTION
MICRO SWITCH BAF1 high capacity enclosed switches offer
elastomer boot on sealed actuator verions that protects the ac-
tuating mechanism and the internal basic switch from contami-
nants. There is a seal gasket between the cover plate and the
enclosures on all versions. The cover plate is removed for ease
of wiring and switch replacement without demounting the switch.
The actuator position is designated “right” or “left,” when looking
at the nameplate.
FEATURES
Up to 20 ampere capacity
Cast aluminum housing with three-hole mounting
Right or left-handed (sealed or unsealed) actuators
Cover seal, captive cover screws
Momentary or maintained contact
UL recognized, file #E12252
CSA certified, file #LR41372
Sealed to NEMA 1, 3, 4 and 13 requirements
Grounding screw
POTENTIAL APPLICATIONS
Packaging equipment
Special machinery
Agricultural machinery
Conveyors
Overhead cranes and hoists


Similar Part No. - BAF

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
BAF PAIRUI-BAF Datasheet
416Kb / 3P
DC-DC Converter
logo
Eaton All Rights Reserv...
BAF EATON-BAF Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
BAF-1 EATON-BAF-1 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
BAF-1-1/2 COOPER-BAF-1-1/2 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
More results

Similar Description - BAF

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
High Capacity Toggle Switches up to 20A
logo
Littelfuse
215.500P LITTELFUSE-215.500P Datasheet
252Kb / 2P
High breaking capacity
logo
Omron Electronics LLC
ZE-N-2G OMRON-ZE-N-2G Datasheet
1Mb / 11P
General-purpose Enclosed Switches with High Breaking Capacity and High Durability
logo
Honeywell Accelerometer...
LZA1 HONEYWELL-ACC-LZA1 Datasheet
277Kb / 2P
Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZL1 ETC1-LZL1 Datasheet
277Kb / 2P
Installation and adjusting instructions LZ metal-enclosed switches
EOT16U3P3-S ETC2-EOT16U3P3-S Datasheet
1Mb / 16P
enclosed switches
logo
Shanghai Shunye Electro...
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
High surge capacity
logo
Mospec Semiconductor
F10C30 MOSPEC-F10C30 Datasheet
58Kb / 2P
High Surge Capacity
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
High Surge Capacity
logo
Hongfa Technology
HFE7 HONGFA-HFE7_17 Datasheet
74Kb / 4P
High switching capacity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com