Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EDBA164B4PT-1DITF-R Datasheet(PDF) 93 Page - Micron Technology

Part # EDBA164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PT-1DITF-R Datasheet(HTML) 93 Page - Micron Technology

Back Button EDBA164B4PT-1DITF-R Datasheet HTML 89Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 90Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 91Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 92Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 93Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 94Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 95Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 96Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 97Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 152 page
background image
To exit DPD, CKE must be HIGH, tISCKE must be complete, and the clock must be sta-
ble. To resume operation, the device must be fully reinitialized using the power-up initi-
alization sequence.
Figure 68: Deep Power-Down Entry and Exit Timing
RESET
NOP
Enter
DPD
NOP
Enter DPD mode
Input clock frequency can be changed
or the input clock can be stopped during DPD.
NOP
CK_c
CKE
CS_n
CMD
tDPD
tINIT31, 2
tIHCKE
tISCKE
tRP
tISCKE
Exit DPD mode
Don’t Care
2 tCK (MIN)
Exit
DPD
CK_t
Notes:
1. The initialization sequence can start at any time after Tx + 1.
2. tINIT3 and Tx + 1 refer to timings in the initialization sequence. For details, see Mode
Register Definition.
Input Clock Frequency Changes and Stop Events
Input Clock Frequency Changes and Clock Stop with CKE LOW
During CKE LOW, the mobile LPDDR2 device supports input clock frequency changes
and clock stop under the following conditions:
• Refresh requirements are met
• Only REFab or REFpb commands can be in process
• Any ACTIVATE or PRECHARGE commands have completed prior to changing the fre-
quency
• Related timing conditions,tRCD and tRP, have been met prior to changing the fre-
quency
• The initial clock frequency must be maintained for a minimum of two clock cycles af-
ter CKE goes LOW
• The clock satisfies tCH(abs) and tCL(abs) for a minimum of two clock cycles prior to
CKE going HIGH
For input clock frequency changes, tCK(MIN) and tCK(MAX) must be met for each clock
cycle.
After the input clock frequency is changed and CKE is held HIGH, additional MRW
commands may be required to set the WR, RL, etc. These settings may require adjust-
ment to meet minimum timing requirements at the target clock frequency.
For clock stop, CK_t is held LOW and CK_c is held HIGH.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Input Clock Frequency Changes and Stop Events
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
93
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com