Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI84 Datasheet(PDF) 1 Page - Altech corporation

Part # PI84
Description  Relay Socket Combination
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PI84 Datasheet(HTML) 1 Page - Altech corporation

  PI84 Datasheet HTML 1Page - Altech corporation PI84 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
104
PI84
Relay Socket Combination
DATA SUBJECT TO CHANGE WITHOUT NOTICE
21
24
22
11
14
12
COM
NO
NC
COIL
COM
NO
NC
COIL
+A1
-A2
A2
21
24
22
11
14
12
A1
Socket
GZM80
Relay
RM84
Retainer /
retractor clip
GZT80-0040
Module
type M...
Description
plate
GZT80-0035
8 A . 300 V A C
8 A . 300 V A C
22
21
24
12
11
14
+A1
-A2
DC version
AC version
DC version
AC version
78. 1 - 0.2
35.4
21.39
8.57
6.2
22.78
GZT80 Socket - PI84 DPDT AC 50/60Hz & DC coil
Part Number
Coil Voltage
Coil Type
Coil Resistance
Coil Operating Range
(V)
at 20°C in Ω
min. (at 20°C)
max. (at 55°C)
Type of Module
PI84-12DC-M41G
12
DC
360
8.4
30.6
M41G*
PI84-24DC-M41G
24
DC
1440
16.8
61.2
M41G*
PI84-110DC-M43G
110
DC
25200
77.0
280.0
M43G*
PI84-12DC-M91G
12
DC
360
8.4
30.6
M91G**
PI84-24DC-M91G
24
DC
1440
16.8
61.2
M91G**
PI84-110DC-M93G
110
DC
25200
77.0
280.0
M93G**
PI84-120AC-M93G
120
AC 50/60Hz
10200
96.0
144.0
M93G**
PI84-230AC-M93G
230
AC 50/60Hz
38500
184.0
276.0
M93G**
GZM80 Socket - PI84 DPDT AC 50/60Hz & DC coil
Part Number
Coil Voltage
Coil Type
Coil Resistance
Coil Operating Range
(V)
at 20°C in Ω
min. (at 20°C)
max. (at 55°C)
Type of Module
PI84-012DC-00LD
12
DC
360
8.4
30.6
M41G*
PI84-024DC-00LD
24
DC
1440
16.8
61.2
M41G*
PI84-110DC-00LD
110
DC
25200
77.0
280.0
M43G*
PI84-012DC-00LV
12
DC
360
8.4
30.6
M91G**
PI84-024DC-00LV
24
DC
1440
16.8
61.2
M91G**
PI84-110DC-00LV
110
DC
25200
77.0
280.0
M93G**
PI84-120AC-00LV
120
AC 50/60Hz
10200
96.0
144.0
M93G**
PI84-230AC-00LV
230
AC 50/60Hz
38500
184.0
276.0
M93G**
* Module LD (polarization N) It limits overvoltage on DC coils. Coil energizing indication. ** Module LV It limits overvoltage on AC and DC coils. Coil energizing indication.
Relay:
RM84
(see page 76 for detailed information)
Socket GZT80/GZM80
(see page 81 for detailed information)
PI84
GTZ80 socket
PI84
GTM80 socket
PI84-GZT80
DIMENSIONS
CONNECTION
CONNECTION
DIAGRAMS
PI84-GZM80
All accessories are included.
Technical Information
Current ......................8 A
Voltage.......................250V AC / 24V DC
Wire Range................2.5 mm2 / 24-14 AWG
Torque........................0.7 Nm
BOLD
- Regular stocked items.


Similar Part No. - PI84

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
PI844A QORVO-PI844A Datasheet
681Kb / 8P
45-1218 MHz GaAs/GaN Power Doubler Module
More results

Similar Description - PI84

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
10FF-2Z-C2 HONGFA-10FF-2Z-C2 Datasheet
43Kb / 1P
RELAY SOCKET
10FF-2Z-C3 HONGFA-10FF-2Z-C3 Datasheet
49Kb / 1P
RELAY SOCKET
10FF-2Z-C4 HONGFA-10FF-2Z-C4 Datasheet
47Kb / 1P
RELAY SOCKET
13F-2Z-A HONGFA-13F-2Z-A Datasheet
44Kb / 1P
RELAY SOCKET
14FF-1Z-C2 HONGFA-14FF-1Z-C2 Datasheet
46Kb / 1P
RELAY SOCKET
18FF-2Z-A2 HONGFA-18FF-2Z-A2 Datasheet
41Kb / 1P
RELAY SOCKET
18FF-3Z-A2 HONGFA-18FF-3Z-A2 Datasheet
42Kb / 1P
RELAY SOCKET
18FF-4Z-C2 HONGFA-18FF-4Z-C2 Datasheet
53Kb / 1P
RELAY SOCKET
18FF-4Z-C5 HONGFA-18FF-4Z-C5 Datasheet
49Kb / 1P
RELAY SOCKET
41F-1Z-C2 HONGFA-41F-1Z-C2 Datasheet
54Kb / 2P
RELAY SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com