Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSPIN32G4TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSPIN32G4TR
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 2Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 3Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 4Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 5Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 6Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 7Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 8Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 9Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
2.2
Recommended operating conditions
All voltages referred to ground pins unless otherwise specified.
Table 2. Recommended operating conditions
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VM
Supply voltage
5.5(1)
75
V
dVM /dt
Supply voltage slope
10
V/ µs
VCC
VCC Buck converter
output and gate driving
supply voltage
Internally generated,
set to 8 V
8
V
Internally generated,
set to 10 V
10
V
Internally generated,
set to 12 V
12
V
Internally generated,
set to 15 V
15
V
Externally provided
5.5(1)
15
V
ICC
VCC Buck converter
output current
200(2)
mA
VREGIN
3.3 V LDO linear
regulator input
3.3
15
V
VREG3V3
Logic supply voltage
3.3
V
IREG3V3
3.3 V linear regulator
output current
150(2)
mA
IREG3V3,Stby
Standby regulator
output current
VM ≥ 8V
6
mA
VSCREF
SCREF input
Protection enabled
0.2
2.5
V
Protection disabled
2.9
3.3
V
VDDA
MCU analog supply
voltage
ADC or COMP used
1.62
3.6
V
DAC 1 MSPS or DAC
15 MSPS
1.71
3.6
V
Op-amp used
2.0
3.6
V
VREFBUS used
2.4
3.6
V
ADC, DAC, Op-amp,
COMP, VREFBUF not
used
0
3.6
V
VBAT
MCU backup
operating voltage
1.55
3.6
V
VREF+
ADC positive
reference voltage
VDDA< 2 V
2
VDDA
V
VDDA < 2 V
VDDA
V
Tamb
Operative ambient
temperature
-40
125(2)
°C
1. Actual operative range can be limited by UVLO protections.
2. Actual operative range can be limited by thermal shutdown.
2.3
Thermal data
Thermal values are calculated by simulation with the following boundary conditions: 2s2p board as per the std.
JEDEC (JESD51-7) in natural convection, board dimensions: 114.3 x 76.2 x 1.6 mm, ambient temperature: 25°C.
STSPIN32G4
Recommended operating conditions
DS13630 - Rev 1
page 6/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com