Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B-G431B-ESC1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # B-G431B-ESC1
Description  Electronic speed controller Discovery kit for drones with STM32G431CB
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B-G431B-ESC1 Datasheet(HTML) 1 Page - STMicroelectronics

  B-G431B-ESC1 Datasheet HTML 1Page - STMicroelectronics B-G431B-ESC1 Datasheet HTML 2Page - STMicroelectronics B-G431B-ESC1 Datasheet HTML 3Page - STMicroelectronics B-G431B-ESC1 Datasheet HTML 4Page - STMicroelectronics B-G431B-ESC1 Datasheet HTML 5Page - STMicroelectronics B-G431B-ESC1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Picture is not contractual.
Features
Full reference design for electronic speed controller capable of both sensorless
FOC and 6-step algorithm
Designed for drones with up to 6S LiPo battery pack or equivalent suitable DC
supply
3-phase driver board for BLDC/PMSM motors with discrete N-channel 60 V,
120 A STripFET F7 power MOSFETs
STM32G431CB Arm® Cortex®-M4 32-bit MCU, 213 DMIPS, 128 Kbytes of
Flash memory, 32 Kbytes of SRAM, analog rich, math accelerator
On-board ST-LINK/V2-1 debugger/programmer detachable from the main board
Output peak motor current (maximum peak current tested with propeller to have
an air-forced cooling): 40 A
Designed with SMD ceramic capacitors with very low profile
BEC available through the daughterboard (5 V for external board supply, for
example a flight control board)
Support for motor sensors (Hall or encoder)
Supported by ST Motor Control Software Development Kit (SDK) with ST Motor
profiler
3-shunt mode supported for motor current sensing
L6387 High voltage high and low-side driver with integrated interlocking function
Overcurrent and overvoltage protection feature (OCP/OVP)
Thermal measuring and overheating protection with NTC on board
ESC ready for communication with any standard flight control unit (FCU):
PWM/CAN/UART
Potentiometer and user button available on daughterboard
Two user LEDs: one green LED for 3.3 V level, and one red LED configurable by
the user
Target applications: motor driving for R/C vehicles, UAV drone, electric car or
boat
PCB type and size:
FR-4 PCB material
8-layer layout
Dimensions (including the daughterboard with ST-LINK part):
30 mm × 41 mm
Weight (including the daughterboard with ST-LINK part): 9.2 g
RoHS compliant
Description
The B-G431B-ESC1 Discovery kit is based on the STM32G431CB microcontroller,
the L6387 driver and STL180N6F7 power MOSFETs. It is composed of a main power
board, and a daughterboard with embedded ST-LINK/V2-1. It is an electronic speed
controller (ESC), designed to drive a single 3-phase brushless motor (BLDC/PMSM),
performing both sensorless FOC algorithm and 6-step control with a speed
regulation, and an active braking function algorithm. The ST sensorless FOC
algorithm ensures longer flight times and an optimal dynamic performance. This unit
accepts command signal from an external unit for driving and monitoring, for instance
Product status link
B-G431B-ESC1
Electronic speed controller Discovery kit for drones with STM32G431CB
B-G431B-ESC1
Data brief
DB3787 - Rev 1 - April 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - B-G431B-ESC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B-G431B-ESC1 STMICROELECTRONICS-B-G431B-ESC1 Datasheet
3Mb / 26P
STM32 development boards
More results

Similar Description - B-G431B-ESC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32F469 ETC2-STM32F469 Datasheet
267Kb / 4P
Discovery kit with STM32F469NI MCU
logo
STMicroelectronics
32L0538DISCOVERY STMICROELECTRONICS-32L0538DISCOVERY Datasheet
377Kb / 4P
Discovery kit for STM32L0 Series
12-Jan-2016
32F723EDISCOVERY STMICROELECTRONICS-32F723EDISCOVERY Datasheet
315Kb / 4P
Discovery kit with STM32F723IE MCU
17-Jan-2017
32F3348DISCOVERY STMICROELECTRONICS-32F3348DISCOVERY Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
12-Jan-2016
UM1574 STMICROELECTRONICS-UM1574 Datasheet
1Mb / 48P
Discovery kit for STM8A microcontrollers
15-Nov-2012
32F411EDISCOVERY STMICROELECTRONICS-32F411EDISCOVERY Datasheet
196Kb / 3P
Discovery kit for STM32F411 line
04-Nov-2014
32F072BDISCOVERY STMICROELECTRONICS-32F072BDISCOVERY Datasheet
233Kb / 5P
Discovery kit for STM32F072xx microcontrollers
19-Mar-2020
STEVAL-ESC001V1 STMICROELECTRONICS-STEVAL-ESC001V1 Datasheet
803Kb / 5P
Electronic speed controller reference design for drones
Rev 3 - November 2018
STM32H7B3I-DK STMICROELECTRONICS-STM32H7B3I-DK Datasheet
3Mb / 6P
Discovery kit with STM32H7B3LI MCU
December 2019
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
15-Nov-2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com