Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSC32AC Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # CSC32AC
Description  Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, Black
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC32AC Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  CSC32AC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC32AC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSC32AC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CSC32AC Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Color
Black
Antimicrobial Coating
No
Charging Station Form Factor
Mobile Cart
Material of Construction
Steel
Shipping Dimensions (hwd / cm)
114.50 x 57.99 x 85.50
Shipping Dimensions (hwd / in.)
45.08 x 22.83 x 33.66
Shipping Weight (kg)
75.30
Shipping Weight (lbs.)
166.00
Slot Dimensions - Bottom (hwd / in.)
10.5 x 1.5 x 15.4
Slot Dimensions - Bottom (hwd /
mm)
266.7 x 38.2 x 390.5
Slot Dimensions - Top (hwd / in.)
10.5 x 1.5 x 15.4
Slot Dimensions - Top (hwd / mm)
266.7 x 38.2 x 390.5
Unit Dimensions (hwd / cm)
106.76 x 88.39 x 54.86 (with handle installed)
Unit Dimensions (hwd / in.)
42.3 x 34.8 x 21.6 (with handle installed)
Unit Weight (kg)
59.27
Unit Weight (lbs.)
130.67
Number of Shelves
2
SPECIAL FEATURES
Cord Management
Yes
EMI/RFI Line Noise Protection
No
Locking
Yes
Lock Type
Key
Built-In Circuit Breaker
Yes
Overcurrent Protection
Yes
Flow-Through Ventilation
Yes
UV Sterilization
No
STANDARDS & COMPLIANCE
Certifications
Tested to EIA-310-E, FCC & IEC Class B, UL 1363 (Power Component)
Approvals
RoHS
NOM (Mexico)
Tested to NOM (Mexico)
WARRANTY
Product Warranty Period
(Worldwide)
2-year limited warranty
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com