Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAB-14990 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # CAB-14990
Description  Cable - 5 Pin 1mm Pitch - 100mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

CAB-14990 Datasheet(HTML) 1 Page - SparkFun Electronics

  CAB-14990 Datasheet HTML 1Page - SparkFun Electronics CAB-14990 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
Cable - 5 Pin 1mm Pitch - 100mm
CAB-14990 ROHS
DESCRIPTIO N
This is a 5 wire cable with a SHR style (1mm pitch) connector on each end. These are very similar to
our Qwiic connectors and cables but are 5-pin. They make excellent cables for 3 GPIOs plus VCC
and GND or just a 5 conductor cable.
Cable Length: 100mm
Wire Gauge: 28AWG
Connector part number: SHR-05V-S-B
Cable plugs into part number: SM05B-SRSS-TB or BM05B-SRSS-TB


Similar Part No. - CAB-14990

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
CAB-14991 SPARKFUN-CAB-14991 Datasheet
104Kb / 2P
Cable - 5 Pin 1mm Pitch - 200mm
12??0??8
CAB-14992 SPARKFUN-CAB-14992 Datasheet
103Kb / 2P
Cable - 5 Pin 1mm Pitch - Breadboard Jumper
12??0??8
More results

Similar Description - CAB-14990

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Mill-Max Mfg. Corp.
860-10-050-10-002000 MILL-MAX-860-10-050-10-002000 Datasheet
96Kb / 2P
Interconnect Header 1mm Grid; Straight Pin Header
logo
Hirose Electric
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
1mm Pitch, Board to Cable Lock Connector
logo
List of Unclassifed Man...
TEST-3 ETC2-TEST-3 Datasheet
129Kb / 1P
Test Pin PCB, 1mm
logo
ERNI Electronics
DC0007333 ERNI-DC0007333 Datasheet
85Kb / 1P
0.8 DRC-Q. M 1mm, 20 polig 0.8 DRC-Q, M 1mm, 20 pin
DC0007341 ERNI-DC0007341 Datasheet
96Kb / 1P
0.8 DRC-Q. M 1mm, 26 polig 0.8 DRC-Q, M 1mm, 26 pin
DC0007379 ERNI-DC0007379 Datasheet
114Kb / 1P
0.8 DRC-Q. M 1mm, 80 polig 0.8 DRC-Q, M 1mm, 80 pin
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
1MM CABLE ASSEMBLY
logo
SparkFun Electronics
CAB-14991 SPARKFUN-CAB-14991 Datasheet
104Kb / 2P
Cable - 5 Pin 1mm Pitch - 200mm
12??0??8
CAB-14992 SPARKFUN-CAB-14992 Datasheet
103Kb / 2P
Cable - 5 Pin 1mm Pitch - Breadboard Jumper
12??0??8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com