Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DEV-13736 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-13736
Description  Teensy 3.2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13736 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-13736 Datasheet HTML 1Page - SparkFun Electronics DEV-13736 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Export Restrictions
This product has some level of export control/restriction, so may be delayed by
2-3 business days when shipping outside the United States. Contact us with
questions, or we will contact you after you place your order.
Teensy 3.2
DEV-13 736 RO HS
   2
images are CC BY-NC-SA 3.0
Description: The Teensy is a breadboard-friendly development board with loads of
features in a, well, teensy package. Each Teensy 3.2 comes pre-flashed with a
bootloader so you can program it using the on-board USB connection: No external
programmer needed! You can program for the Teensy in your favorite program editor
using C or you can install the Teensyduino add-on for the Arduino IDE and write
Arduino sketches for Teensy!
The processor on the Teensy also has access to the USB and can emulate any kind
of USB device you need it to be, making it great for USB-MIDI and other HID projects.
The 32 bit processor brings a few other features to the table as well, such as multiple
channels of Direct Memory Access, several high-resolution ADCs and even an I2S
digital audio interface! There are also 4 separate interval timers plus a delay timer! Oh
yeah, and all pins have interrupt capability. Also, it can provide system voltage of 3.3V
to other devices at up to 100mA.
All of this functionality is jammed into a 1.4 x 0.7 inch board with all headers on a 0.1"
grid so you can slap in on a breadboard and get to work! The Teensy 3.2 adds a more
powerful 3.3 volt regulator, with the ability to directly power an ESP8266 Wifi,
WIZ820io Ethernet, and other 3.3V add-on boards that require a little more power.
Additionally, if it is used within the Teensy 3.1 limits of operation, the Teensy 3.2 and
3.1 are interchangeable!
Note: This does not come with a USB cable, please check below for an appropriate
one.
Dimensions: 1.4 x 0.7" (~35 x 18 mm)
Features:
• 32 bit ARM Cortex-M4 72 MHz CPU (M4 = DSP extensions)
Page 1 of 2


Similar Part No. - DEV-13736

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
More results

Similar Description - DEV-13736

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRT-13925 ETC2-PRT-13925 Datasheet
97Kb / 1P
Teensy Header Kit
logo
SparkFun Electronics
DEV-13995 SPARKFUN-DEV-13995 Datasheet
105Kb / 2P
Teensy Prop Shield
DEV-13996 SPARKFUN-DEV-13996 Datasheet
217Kb / 2P
Teensy Prop Shield LC
DEV-11781 SPARKFUN-DEV-11781 Datasheet
102Kb / 1P
Teensy 2.0
10/22/2015
DEV-13305 SPARKFUN-DEV-13305 Datasheet
110Kb / 2P
Teensy LC
10/22/2015
DEV-14055 SPARKFUN-DEV-14055 Datasheet
87Kb / 2P
Teensy 3.5
DEV-14057 SPARKFUN-DEV-14057 Datasheet
84Kb / 2P
Teensy 3.6
DEV-15583 SPARKFUN-DEV-15583 Datasheet
167Kb / 3P
Teensy 4.0
8??3??9
DEV-16771 SPARKFUN-DEV-16771 Datasheet
927Kb / 3P
Teensy 4.1
5??8??0
DEV-14056 SPARKFUN-DEV-14056 Datasheet
118Kb / 2P
Teensy 3.5 (Headers)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com