Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DEV-08467 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-08467
Description  LilyPad Tri-Color LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-08467 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-08467 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyPad Tri-Color LED
DEV-08 467 RO HS
   1
images are CC BY-NC-SA 3.0
3D Download: Sketchup, STL, Blender
Description: Blink any color you need! Use the Tri-Color LED board as a simple
indicator, or by pulsing the red, green, and blue channels, you can create any color.
Very bright output. This is a common anode design - to turn on a channel you simply
need to ground one of the R/G/B pins to illuminate that channel.
LilyPad is a wearable technology developed by Leah Buechley and cooperatively
designed by Leah and SparkFun. Each LilyPad was creatively designed to have large
connecting pads to allow them to be sewn into clothing. Various input, output, power,
and sensor boards are available. They’re even washable!
Note: A portion of this sale is given back to Dr. Leah Buechley for continued
development and education of e-textiles.
Dimensions:
• 20mm outer diameter
• Thin 0.8mm PCB
10/12/2015
https://www.sparkfun.com/products/8467


Similar Part No. - DEV-08467

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DEV-08467 AGELECTRONICA-DEV-08467 Datasheet
168Kb / 1P
LED RGB LILYPAD
17/10/2017
More results

Similar Description - DEV-08467

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
6300 VCC-6300 Datasheet
79Kb / 1P
Tri-Color Rectangular LED Assembly
logo
List of Unclassifed Man...
QBLP600-RGB ETC1-QBLP600-RGB Datasheet
425Kb / 7P
TRI COLOR LED
logo
Micropac Industries
62098 MICROPAC-62098 Datasheet
170Kb / 3P
TRI-COLOR HERMETIC LED INDICATORS
62118 MICROPAC-62118 Datasheet
111Kb / 2P
TRI-COLOR HERMETIC LED INDICATORS
logo
STANLEY ELECTRIC CO.,LT...
ARGB1313HS-TR STANLEY-ARGB1313HS-TR Datasheet
683Kb / 32P
RGB tri-color emitting LED
CRGB1314ASE-500-TR STANLEY-CRGB1314ASE-500-TR Datasheet
1,019Kb / 32P
RGB tri-color emitting LED
CRGB1314ASE-TR STANLEY-CRGB1314ASE-TR Datasheet
740Kb / 30P
RGB tri-color emitting LED
CRGB1318FSE-TM STANLEY-CRGB1318FSE-TM Datasheet
851Kb / 32P
RGB tri-color emitting LED
logo
SparkFun Electronics
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
logo
Bivar, Inc.
3SBC-3-F BIVAR-3SBC-3-F Datasheet
57Kb / 1P
T-1(3mm) BI-COLOR/TRI-COLOR LED
08/13/03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com