Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DEV-13735 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-13735
Description  LilyPad RGB LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13735 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-13735 Datasheet HTML 1Page - SparkFun Electronics DEV-13735 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
LilyPad RGB LED
DEV-13735
 
Blink any color you need! Use the LilyPad RGB LED board as a simple indicator, or by pulsing the
red, green, and blue channels, you can produce a broad variety of colors. Each of the colors in the
RGB LED are connected to one of the sew tabs on the board labeled R, G, and B.
The color channels on this RGB LED are all connected through a common cathode (negative) pin.
We have updated our design to this configuration so that the individual red, green, and blue LEDs
now share a common ground tab. To light up each color individual LED, connect them each to a
power source. For simple circuit hookups, this means you need to connect the R, G, or B sew tabs
to power (+) and in code set them to HIGH (for digital output) or 255 (for analog output) to turn them
on.
LilyPad is a wearable technology developed by Leah Buechley and cooperatively designed by Leah
and SparkFun. Each LilyPad was creatively designed to have large connecting pads to allow them to
be sewn into clothing. Various input, output, power, and sensor boards are available. They're even
washable!
Note: A portion of this sale is given back to Dr. Leah Buechley for continued development and
education of e-textiles.
FEATURES
20mm outer diameter
Thin 0.8mm PCB


Similar Part No. - DEV-13735

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13736 SPARKFUN-DEV-13736 Datasheet
110Kb / 2P
Teensy 3.2
10/22/2015
More results

Similar Description - DEV-13735

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP679-RGB3 ETC2-QBLP679-RGB3 Datasheet
383Kb / 8P
PLCC6 RGB LED
logo
Inolux Corporation
IN-B101FCH INOLUX-IN-B101FCH Datasheet
1Mb / 16P
RGB Chip LED
logo
SparkFun Electronics
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
LilyPad Tri-Color LED
10/12/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-13902 SPARKFUN-DEV-13902 Datasheet
203Kb / 1P
LilyPad LED White (5pcs)
12/2/2016
DEV-14010 SPARKFUN-DEV-14010 Datasheet
95Kb / 1P
LilyPad LED Pink (5pcs)
12/6/2016
DEV-14011 SPARKFUN-DEV-14011 Datasheet
437Kb / 1P
LilyPad LED Green (5pcs)
11/9/2016
DEV-14012 SPARKFUN-DEV-14012 Datasheet
77Kb / 1P
LilyPad LED Blue (5pcs)
DEV-14013 SPARKFUN-DEV-14013 Datasheet
191Kb / 1P
LilyPad LED Red (5pcs)
12/2/2016
DEV-14014 SPARKFUN-DEV-14014 Datasheet
188Kb / 1P
LilyPad LED Yellow (5pcs)
12/2/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com