Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PV6D2DA Datasheet(PDF) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PV6D2DA
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PV6D2DA Datasheet(HTML) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

  PV6D2DA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PV6D2DA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PV6D2DA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PV6D2DA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
L-10-5
Dual N-Channel Enhancement Mode
Field Effect Transistor
PV6D2DA
SOP-8
Halogen-Free & Lead-Free
NIKO-SEM
REV 1.1
Source-Drain Diode Forward Voltage
Gate charge Characteristics
Characteristics
Qg , Total Gate Charge(nC)
VSD, Source-To-Drain Voltage(V)
Single Pulse Maximum Power Dissipation
Safe Operating Area
VDS, Drain-To-Source Voltage(V)
Single Pulse Time(s)
Transient Thermal Response Curve
T1 , Square Wave Pulse Duration(s)
0
2
4
6
8
10
0
2
4
6
8
10
VDS=20V
ID=6.4A
150℃
25℃
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
25
0.001
0.01
0.1
1
10
100
Single Pulse
R
θJA = 88 ˚C/W
TA = 25
˚C
single pulse
Duty cycle=0.5
0.2
0.1
0.05
0.02
0.01
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
Notes
1.Duty cycle, D= t1 / t2
2.RthJA = 88 ℃/W
3.TJ-TA = P*RthJA(t)
4.RthJA(t) = r(t)*RthJA
DC
100ms
10ms
1ms
1S
10S
0.01
0.1
1
10
100
0.1
1
10
100
NOTE :
1.VGS = 10V
2.TA =25
˚C
3.R
θJA = 88 ˚C/W
4.Single Pulse
Operation in This
Area is Limited by
RDS(ON)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com