Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSC8144 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8144
Description  2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8144 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8144 Datasheet HTML 1Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PS031601.3.1
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800)-VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Product Summary
VSC8144
2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
Features
General Description
The VSC8144 is a SONET/SDH compatible multi-rate transceiver with integrated clock generator for use in
SONET/SDH systems operating at OC-48, OC-24, OC-12, OC-3, or Gigabit Ethernet data rates. The internal clock
generator uses a Phase Locked Loop (PLL) to multiply either a 77.76MHz, 155.52MHz, or 622.08MHz reference clock
for internal logic and output retiming. The 4-bit parallel LVDS interface incorporates an on-board FIFO to address loop
timing design issues. Facility and Equipment Loopbacks can be configured separately or simultaneously. The device
operates with 2.5 W maximum power and is packaged in a thermally enhanced 100-pin PQFP package.
Block Diagram
Order Information
Notice
Vitesse Semiconductor Corporation (“Vitesse”) provides this document for informational purposes only. This document contains pre-production information about Vit-
esse products in their concept, development and/or testing phase. All information in this document, including descriptions of features, functions, performance, technical
specifications and availability, is subject to change without notice at any time. Nothing contained in this document shall be construed as extending any warranty or
promise, express or implied, that any Vitesse product will be available as described or will be suitable for or will accomplish any particular task.
Vitesse products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without written consent is prohib-
ited.
Product
Package
VSC8144QQ
100-Pin PQFP
• Multi-Rate Transceiver for SONET OC-48, OC-24,
OC-12, OC-3, and Gigabit Ethernet Rates
• 4-Bit LVDS Low-Speed Interface
• On-Chip PLL-Based Clock Generator
• High-Speed Clock Output
• Equipment, Facility and Split Loopback Modes
• Exceeds Bellcore Jitter Performance
• Single 3.3V Power Supply
• 2.5 W Maximum Power Dissipation
• 100-Pin PQFP (14x14x2mm)
DEMUX
CMU
Test
FIFO
High-Speed Data
High-Speed Clock
High-Speed Loopback
Low-Speed Data
Low-Speed Clock
Low-Speed Loopback
Reference Clock
MUX
High-Speed Data
High-Speed Clock
Low-Speed Data
4
Low-Speed Clock
Low-Speed Clock
OC-48/12/3 GbE Control
VSC8144
4


Similar Part No. - VSC8144

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8140QR VITESSE-VSC8140QR Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8140TW VITESSE-VSC8140TW Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141QR VITESSE-VSC8141QR Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
More results

Similar Description - VSC8144

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
2.488GHz SONET/SDH Clock Generator
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8151 VITESSE-VSC8151 Datasheet
471Kb / 30P
2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
VSC8132 VITESSE-VSC8132 Datasheet
121Kb / 14P
2.488Gb/s 1:32 SONET/SDH Demux
VSC8150 VITESSE-VSC8150 Datasheet
164Kb / 20P
2.488Gb/s SONET/SDH Overhead Monitor
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com