Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SMF Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMF
Description  200W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMF Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMF Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SOLDERING PARAMETERS
Reflow Condition
Pb-Free assembly
(see FIG.5)
Pre
Heat
-Temperature Min (Ts(min))
+150℃
-Temperature Max(Ts(max))
+200℃
-Time (Min to Max) (ts)
60-180 secs.
Average ramp up rate (Liquid us Temp
(TL) to peak)
3℃/sec. Max
Ts(max) to TL - Ramp-up Rate
3℃/sec. Max
Reflow
-Temperature(TL)(Liquid us)
+217℃
-Temperature(tL)
60-150 secs.
Peak Temp (Tp)
+260(+0/-5)℃
Time within 5℃ of actual Peak Temp (tp)
30 secs. Max
Ramp-down Rate
6℃/sec. Max
Time 25℃ to Peak Temp (TP)
8 min. Max
Do not exceed
+260℃
PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Ref.
Min.
A
A1
b
c
D
E
F
0.90
0
0.70
0.10
1.50
2.36
2.50
SOD-123FL
G
4.19
Max.
1.00
0.10
1.10
0.20
1.80
2.90
-
-
Min.
0.035
0
0.028
0.004
0.059
0.098
0.093
0.165
Max.
0.039
0.004
0.043
0.008
0.071
0.114
-
-
H
L
3.40
θ
0
0.95
0.134
0.037
L
H
E
A1
A
θ
F
G
3.80
0.55
0
0.150
0.022
FIG.5: Reflow condition
25
TS(min)
TS(max)
TL
TP
tp
tL
time to peak temperatue
Time
(t 25
to peak)
Ramp-up
Ramp-down
Preheat
Critical Zone
TL to TP
ts
SMF Series 200W Transient Voltage Suppressor
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com