Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z787.H Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # Z787.H
Description  Zener Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

Z787.H Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  Z787.H Datasheet HTML 1Page - Pepperl+Fuchs Inc. Z787.H Datasheet HTML 2Page - Pepperl+Fuchs Inc. Z787.H Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Zener Barrier
Z787.H
< 2-channel
< DC version, positive polarity
< Working voltage 26.5 V at 10 µA
< Series resistance max. 250 Ω
< Fuse rating 80 mA
< DIN rail mounting
< High power version
< With diode return
Function
The Zener Barrier prevents the transfer of unacceptably high energy from the safe area into the hazardous area.
The zener diodes in the Zener Barrier are connected in the reverse direction. The breakdown voltage of the diodes is not exceeded in normal
operation. If this voltage is exceeded, due to a fault in the safe area, the diodes start to conduct, causing the fuse to blow. The Zener Barrier has a
positive polarity, i. e. the anodes of the zener diodes are grounded.
This high power version has a smaller serial resistance and therefore provides higher voltage to the field device.
The Zener Barrier is for evaluation of signals from the hazardous area. The diodes of diode return prevent a current into the hazardous area,
therefore the current assumption for intrinsic safety calculations is zero.
Depending on the application, increased or decreased intrinsic safety parameters apply for serial or parallel connection. For the detailed
parameters refer to the Zener Barrier certificate. Application examples can be found in the system description of the Zener Barriers.
Connection
3
1
6
8
2
7
4
5
Zone 2
Div. 2
Zone 0, 1, 2
Div. 1, 2
+
-
x3
x3
x3
Technical Data
General specifications
Type
DC version, positive polarity
Electrical specifications
Nominal resistance
240 Ω
Series resistance
max. 250 Ω
Fuse rating
80 mA
Hazardous area connection
Connection
terminals 1, 2; 3, 4
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - Z787.H

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
Z787.H.F PF-Z787.H.F Datasheet
626Kb / 3P
Zener Barrier
More results

Similar Description - Z787.H

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
Z787.F PF-Z787.F Datasheet
625Kb / 3P
Zener Barrier
Z788.R PF-Z788.R Datasheet
616Kb / 3P
Zener Barrier
Z789 PF-Z789 Datasheet
566Kb / 3P
Zener Barrier
Z810.CL PF-Z810.CL Datasheet
613Kb / 3P
Zener Barrier
Z813 PF-Z813 Datasheet
612Kb / 3P
Zener Barrier
Z828.H.F PF-Z828.H.F Datasheet
619Kb / 3P
Zener Barrier
Z828 PF-Z828 Datasheet
612Kb / 3P
Zener Barrier
Z864 PF-Z864 Datasheet
614Kb / 3P
Zener Barrier
Z865.F PF-Z865.F Datasheet
622Kb / 3P
Zener Barrier
Z896 PF-Z896 Datasheet
615Kb / 3P
Zener Barrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com