Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9540PCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9540PCB
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9540PCB Datasheet HTML 15Page - Analog Devices AD9540PCB Datasheet HTML 16Page - Analog Devices AD9540PCB Datasheet HTML 17Page - Analog Devices AD9540PCB Datasheet HTML 18Page - Analog Devices AD9540PCB Datasheet HTML 19Page - Analog Devices AD9540PCB Datasheet HTML 20Page - Analog Devices AD9540PCB Datasheet HTML 21Page - Analog Devices AD9540PCB Datasheet HTML 22Page - Analog Devices AD9540PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD9540
Rev. 0 | Page 19 of 32
GENERAL DESCRIPTION
PLL CIRCUITRY
The AD9540 includes an RF divider (divide-by-R), a 48-bit DDS
core, a 14-bit programmable delay adjustment, a 10-bit DAC, a
phase frequency detector, and a programmable output current
charge pump. Incorporating these blocks together, users can
generate many useful circuits for clock synthesis. A few simple
examples are shown in the Typical Performance Characteristics
section.
The RF divider accepts differential or single-ended signals up to
2.7 GHz on the CLK1 input pin. The RF divider also supplies
the SYSCLK input to the DDS. Because the DDS operates only
up to 400 MSPS, device function requires that for any CLK1
signal > 400 MHz, the RF divider must be engaged. The RF di-
vider can be programmed to take values of 1, 2, 4, or 8. The ratio
for the divider is programmed in the control register. The out-
put of the divider can be routed to the input of the on-chip
CML driver. For lower frequency input signals, it is possible to
use the divider to divide the input signal to the CML driver and
to use the undivided input of the divider as the SYSCLK input
to the DDS, or vice versa. In all cases, the clock to the DDS
should not exceed 400 MSPS.
The on-chip phase frequency detector has two differential
inputs, REFIN (the reference input) and CLK2 (the feedback or
oscillator input). These differential inputs can be driven by
single-ended signals. When doing so, tie the unused input
through a 100 pF capacitor to the analog supply (AVDD). The
maximum speed of the phase frequency detector inputs is
200 MHz. Each of the inputs has a buffer and a divider (÷M on
REFIN and ÷N on CLK2) that operates up to 655 MHz. If the
signal exceeds 200 MHz, the divider must be used. The dividers
are programmed through the control registers and take any
integer value between 1 and 16.
The REFIN input also has the option of engaging an in-line
oscillator circuit. Engaging this circuit means that the REFIN
input can be driven with a crystal in the range of 20 MHz ≤
REFIN ≤ 30 MHz.
The charge pump outputs a current in response to an error
signal generated in the phase frequency detector. The output
current is programmed through by placing a resistor (CP_RSET)
from the CP_RSET pin to ground. The value is dictated by:
SET
CP_R
CP_IOUT
1.55
=
This sets the charge pump’s reference output current. Also, a
programmable scaler multiplies this base value by any integer
from 1 to 8, programmable through the CP current scale bits in
the Control Function Register 2, CFR2<2:0>.
CML DRIVER
An on-chip current mode logic (CML) driver is also included.
This CML driver generates very low jitter clock edges. The
outputs of the CML driver are current outputs that drive PECL
levels when terminated into a 100 Ω load. The continuous
output current of the driver is programmed by attaching a resis-
tor from the DRV_RSET pin to ground (nominally 4.02 kΩ for
a continuous current of 7.2 mA). An optional on-chip current
programming resistor is enabled by setting a bit in the control
register. The rising edge and falling edge slew rates are inde-
pendently programmable to help control overshoot and ringing
by the application of surge current during rising edge and
falling edge transitions (see Figure 34). There is a default surge
current of 7.6 mA on the rising edge and of 4.05 mA on the
falling edge. Bits in the control register enable additional rising
edge and falling edge surge current, as well disable the default
surge current (see the Control Function Register Descriptions
section for details). The CML driver can be driven by:
RF divider input (CLK1 directly to the CML driver)
RF divider output
CLK2 input
I(t)
t
~250ps
~250ps
RISING EDGE SURGE
CONTINUOUS
CONTINUOUS
FALLING EDGE SURGE
Figure 34. Rising Edge and Falling Edge Surge Current Out of the
CML Clock Driver, as Opposed to the Steady State Continuous Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com