Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

09120123102 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09120123102
Description  Han Q12-F for PCB-Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09120123102 Datasheet(HTML) 1 Page - HARTING Technology Group

  09120123102 Datasheet HTML 1Page - HARTING Technology Group 09120123102 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 12 012 3102
Han Q12-F for PCB-Adapter
Han Q12-F for PCB-Adapter
Image is for illustration purposes only. Please refer to product description.
Part number
09 12 012 3102
Specification
Han Q12-F for PCB-Adapter
HARTING eCatalogue
https://b2b.harting.com/09120123102
Identification
Category
Inserts
Series
Han® Q
Specification
for PCB adapter
Version
Termination method
Solder termination
Gender
Female
Size
3 A
Number of contacts
12
PE contact
Yes
Details
Please order contacts separately.
Technical characteristics
Rated current
7.5 A
Rated voltage
250 V
Rated impulse voltage
4 kV
Pollution degree
3
Insulation resistance
>1010 Ω
Limiting temperature
-40 ... +125 °C
Mating cycles
≥500
Material properties
Material (insert)
Polycarbonate (PC)
Page 1 / 2 | Creation date 2021-10-01 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09120123102

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09120123101 HARTING-09120123101 Datasheet
464Kb / 2P
Han 12Q-SMC-FI-CRT-PE with QL
09120123104 HARTING-09120123104 Datasheet
457Kb / 2P
Han Q12-F-QL 1,5mm짼 Inserts
09120123105 HARTING-09120123105 Datasheet
93Kb / 3P
Han 12Q-FI-CRT- Hybrid - Data
2023-02-28
09120123106 HARTING-09120123106 Datasheet
89Kb / 3P
Han 12Q-FI-CRT- Hybrid
2023-02-15
More results

Similar Description - 09120123102

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-12-012-3104 HARTING-09-12-012-3104 Datasheet
457Kb / 2P
Han Q12-F-QL 1,5mm짼 Inserts
09-12-012-3002 HARTING-09-12-012-3002 Datasheet
471Kb / 2P
Han Q12-M for PCB-Adapter
09-33-000-6280 HARTING-09-33-000-6280 Datasheet
452Kb / 2P
Han E double contact f. PCB adapter-F
09-15-000-6297 HARTING-09-15-000-6297 Datasheet
457Kb / 2P
Han D F-ontact f. Han Q12/0 PCB adapter
09-15-000-6295 HARTING-09-15-000-6295 Datasheet
450Kb / 2P
Han D F contact f. PCB adapter Au
09-15-000-6293 HARTING-09-15-000-6293 Datasheet
451Kb / 2P
Han D-F-contact f. Han Q4/2 PCB adapter
09-15-000-6197 HARTING-09-15-000-6197 Datasheet
444Kb / 2P
Han D-M-contact f. Han DDD PCB adapter
09-12-012-9901 HARTING-09-12-012-9901 Datasheet
556Kb / 2P
Han Q12/0 PCB Adapter
2021-11-23
09-15-000-6191 HARTING-09-15-000-6191 Datasheet
451Kb / 2P
Han D-M-Kontakt f. Han Q12/0 LP-Adapter
2021-11-20
09-15-000-6291 HARTING-09-15-000-6291 Datasheet
451Kb / 2P
Han D-F-contact f. Han DDD PCB adapter
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com