Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XC74WL126ASR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC74WL126ASR
Description  CMOS Logic Dual Bus Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WL126ASR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC74WL126ASR Datasheet HTML 1Page - Torex Semiconductor XC74WL126ASR Datasheet HTML 2Page - Torex Semiconductor XC74WL126ASR Datasheet HTML 3Page - Torex Semiconductor XC74WL126ASR Datasheet HTML 4Page - Torex Semiconductor XC74WL126ASR Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
XC74WL126ASR
927
13
■Switching Electrical Characteristics
PARAMETER
Note: tosLH and tosHL are the guaranteed parameters.
tosLH = | tPLHm - tPHLn | , tosHL = | tPHLm - tPHLn |
SYMBOL
CONDITIONS
Propagation Delay Time
Input Capacitance
tPHL
Output Enable Time
Output Disable Time
Output Pin Skew
(Note)
tPLH
tZH
Cpd
Power Dissipation Capacitance
RL=1kΩ
CL=15pF
RL=1kΩ
CL=50pF
RL=1kΩ
CL=15pF
CL=50pF
CL=15pF
CL=50pF
CL=15pF
RL=1kΩ
CL=50pF
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
Ta=25℃
Ta=−40∼85℃
9.5
6.5
13
8.5
9.5
6.5
13
8.5
9.5
6
13
8
9.5
6
13
8
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
8
5.5
11.5
7.5
8
5.5
11.5
7.5
8
5.1
11.5
7.1
8
5.1
11.5
7.1
10
5.6
3.8
8.1
5.3
5.6
3.8
8.1
5.3
5.4
3.6
7.9
5.1
5.4
3.6
7.9
5.1
14
4
CIN
Output Capacitance
6
COUT
tZL
VCC(V)
UNITS
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
pF
pF
pF
(tr=tf=3ns)
tosLH
tosHL
RL=1kΩ
CL=50pF
RL=1kΩ
CL=50pF
CL=50pF
CL=50pF
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
15
10
15
10
1.5
1
1.5
1
1
1
1
1
13.2
8.8
13.2
8.8
1.5
1
1.5
1
9.5
6.1
9.5
6.1
tLZ
tHZ
MIN
TYP
MAX
MIN
MAX
■Noise Characteristics
( tr=tf=3ns )
PARAMETER
SYMBOL
CONDITIONS
Ta=25℃
UNITS
CL
VCC(V)
Not functioning output maximum dynamic VOL
VOLP
50pF
5.0
0.3
0.8
V
V
Not functioning output minimum dynamic VOL
VOLV
50pF
5.0
−0.8
−0.3
Minimum dynamic VIH
VIHD
50pF
5.0
3.5
V
Maximum dynamic VIL
VILD
50pF
5.0
1.5
V
MIN
TYP
MAX
13S_12XC74WL(126ASR) 02.09.12 15:59 ページ 927



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com