Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GP21 Datasheet(PDF) 2 Page - Schurter Inc.

Part # GP21
Description  IEC Plug 400 VDC, Rewireable, Straight, max. Cable Diameter 9.2 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GP21 Datasheet(HTML) 2 Page - Schurter Inc.

  GP21 Datasheet HTML 1Page - Schurter Inc. GP21 Datasheet HTML 2Page - Schurter Inc. GP21 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Cord Connectors (Rewireable)
GP21
https://www.schurter.com /PG07
Connectors
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC TS 62735-1
Appliance couplers for household and similar general purposes
Designed according to
UL Subject 2695
Outline for DC rated Attachment Plugs and Outlet Devices for ICT Equip-
ment installed in restricted access locations
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
Halogen Free
SCHURTER AG
SCHURTER strives to offer our customers halogen free products.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimensions [mm]
cut for ø 10 mm
25.6
76
106.7
111.7
All Variants
Color
Max. cable diameter
Max. wire size
Order Number
black
9.2 mm
3 x 1.5 mm² / 3 x 16 AWG
3-101-786
Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-
Check-SCHURTER
Max. torque for screws: Terminals: 0.5 Nm, Cable clamps: 0.5 Nm, Cover: 0.3 Nm
Packaging unit
50 Pcs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com