Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

09140123102 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09140123102
Description  Han DD module, crimp female
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09140123102 Datasheet(HTML) 1 Page - HARTING Technology Group

  09140123102 Datasheet HTML 1Page - HARTING Technology Group 09140123102 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 14 012 3102
Han DD module, crimp female
Han DD module, crimp female
Image is for illustration purposes only. Please refer to product description.
Part number
09 14 012 3102
Specification
Han DD module, crimp female
HARTING eCatalogue
https://b2b.harting.com/09140123102
Identification
Category
Modules
Series
Han-Modular®
Type of module
Han DD® module
Version
Termination method
Crimp termination
Gender
Female
Number of contacts
12
Details
Please order crimp contacts separately.
Technical characteristics
Conductor cross-section
0.14 ... 2.5 mm²
Rated current
10 A
Rated voltage
250 V
Rated impulse voltage
4 kV
Pollution degree
3
Rated voltage acc. to UL
600 V
Insulation resistance
>1010 Ω
Limiting temperature
-40 ... +125 °C
Mating cycles
≥500
Mating cycles with other HMC components
≥10,000
Page 1 / 2 | Creation date 2021-12-04 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09140123102

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09140123101 HARTING-09140123101 Datasheet
467Kb / 2P
Han DD module, crimp female
2021-10-01
More results

Similar Description - 09140123102

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-14-036-3102 HARTING-09-14-036-3102 Datasheet
471Kb / 2P
Han DD double module, crimp female
09-14-002-3151 HARTING-09-14-002-3151 Datasheet
479Kb / 2P
Han 100A crimp module, female
09-14-002-3102 HARTING-09-14-002-3102 Datasheet
462Kb / 2P
Han 40A crimp module, female
09-14-042-3101 HARTING-09-14-042-3101 Datasheet
475Kb / 2P
Han DD Quad module female
09-14-012-3001 HARTING-09-14-012-3001 Datasheet
464Kb / 2P
Han DD module, crimp male
09-14-012-2732 HARTING-09-14-012-2732 Datasheet
464Kb / 2P
Han DD Quick-Lock module, female
2021-10-01
09-14-012-2734 HARTING-09-14-012-2734 Datasheet
441Kb / 2P
Han DD Quick-Lock module, female Au
2021-12-04
09-14-012-3002 HARTING-09-14-012-3002 Datasheet
458Kb / 2P
Han DD module, crimp male
2021-12-04
09-14-012-3101 HARTING-09-14-012-3101 Datasheet
467Kb / 2P
Han DD module, crimp female
2021-10-01
09-14-036-3002 HARTING-09-14-036-3002 Datasheet
460Kb / 2P
Han DD double module, crimp male
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com