Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSC16ACW Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # CSC16ACW
Description  Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, White
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC16ACW Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  CSC16ACW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC16ACW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSC16ACW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CSC16ACW Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
panel permits quick access to AC adapters and cordsShelf includes charging cord access ports for each
deviceStaggered outlets fit power adapters without blocking adjacent outlets
Flexible ConfigurationShips fully assembled for quick, easy installationSupports mounting to wall, desk,
table, counter or floorSplit front doors open 180 degrees for improved device and service
accessRemovable dividers accommodate thicker devices like battery chargersConverts to mobile cart with
optional CSHANDLEKIT2 (sold separately)
OVERVIEW
UPC Code
037332194817
Product Type
Multi-Device Charger
Charging Form Factor
Stationary Cabinet
Functions
Charge; Secure
Device Compatibility
Chromebook; Laptop
Device Slots
16
INPUT
Nominal Input Voltage(s) Supported
120V AC
Voltage Compatibility (VAC)
120
Input Frequency
50 / 60 Hz
Input Plug Type
NEMA 5-15P
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
CHARGING
Charging Ports / Amps
(16) 12A
Number of Charging Ports
16
Overcharge Protection
No
Charging Method
AC
Charging Ports Detail
Pass through
Charging Port Type
NEMA 5-15R
Charging Amps per Port
12A
PHYSICAL
Color
White
Antimicrobial Coating
No
Charging Station Form Factor
Stationary Cabinet
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com