Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSC32ACW Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # CSC32ACW
Description  Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, White
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC32ACW Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  CSC32ACW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC32ACW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSC32ACW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CSC32ACW Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
ventilation helps prevent devices from overheatingProtective shelves specially coated to avoid device
scratches and scuffsCord access ports with rubber grommets protect against abrasionsSolid top work
surface helps avoid accidental drips and spills that could damage devices
Clutter-Reducing OrganizationAC outlets, power adapters and cords store out of sightToolless trim
panels permit quick access to AC adapters and cordsShelves include charging cord access ports for each
deviceStaggered outlets fit power adapters without blocking adjacent outlets
Convenient MobilityLarge swivel casters with non-marking wheels improve ride over uneven
surfacesCasters lock to help prevent unwanted movement at restReversible wide-grip handle assists cart
controlReversible cord wrap keeps input cord out of the way when moving cartCompact cart fits in same
space as typical utility cart
Flexible ConfigurationShips ready for quick, easy installation—just attach handle and cord wrapSplit
front doors open 180 degrees for improved device and service accessRear-panel mounting slots support
optional wall-mount installationRemovable dividers accommodate thicker devices like battery chargers
OVERVIEW
UPC Code
037332193797
Product Type
Multi-Device Charger
Charging Form Factor
Mobile Cart
Functions
Charge; Secure
Device Compatibility
Chromebook; Laptop
Device Slots
32
INPUT
Nominal Input Voltage(s) Supported
120V AC
Voltage Compatibility (VAC)
120
Input Frequency
50 / 60 Hz
Input Plug Type
NEMA 5-15P
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
CHARGING
Charging Ports / Amps
(32) 12A
Number of Charging Ports
32
Overcharge Protection
No
Charging Method
AC
Charging Ports Detail
Pass through
Charging Port Type
NEMA 5-15R
Charging Amps per Port
12A
PHYSICAL
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com