Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GHDAOC30 Datasheet(PDF) 2 Page - IOGEAR

Part # GHDAOC30
Description  10K HDMI Active Optical Cable 100 ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GHDAOC30 Datasheet(HTML) 2 Page - IOGEAR

  GHDAOC30 Datasheet HTML 1Page - IOGEAR GHDAOC30 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
1 HDMI output source
1 HDMI input Display or Projector
Package Contents
1 x HDMI Cable
1 x Warranty Card
Specifications
Function
GHDAOC30
Display Output
HDMI
HDMI 2.1/HDCP 2.2
Cable Type
Active Optical Cable
Video Resolution
Up to 10K @60Hz
Dimensions
GHDAOC30
Unit Package Dimensions
Height
2"
Length
11"
Width
13"
Weight
Master Carton Wt.
5.96 lb
Unit Pack Wt.
0.92 lb
Unit Wt.
0.88 lb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com