Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MDEV-FFF-RC Datasheet(PDF) 16 Page - Linx Technologies

Part # MDEV-FFF-RC
Description  HumRCTM Series Master Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-RC Datasheet(HTML) 16 Page - Linx Technologies

Back Button MDEV-FFF-RC Datasheet HTML 12Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 13Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 14Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 15Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 16Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 17Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 18Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 19Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 20Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
26
27
This tab shows the advanced configurations enabled by the module’s
Command Data Interface. Any changes are highlighted in red. In the
example in Figure 28 the output mask has been changed to all inputs, S0 is
latched, the Paired module is given full permissions, the status line direction
is set by the mask and the outputs are latched by the Latch Mask. Clicking
the Set Module button sets the updated Permissions Mask. Clicking the
Submit button writes all of the changes to the module’s memory.
This configuration changes the module to have all outputs. This is shown
by clicking on the Demo & EZConfiguration tab Figure 29.
Figure 28: The Master Development System Software Advanced Configuration with Changes
The buttons have all changed to LEDs. The symbol next to each LED
indicates if it is latching or momentary (Figure 30). S0 is latching, the rest
are momentary.
Now that the modules are configured their use can be demonstrated.
Clicking a button on the transmitter module activates an LED on the
receiving module. Figure 31 shows the transmitter, Figure 32 shows the
receiver.
Figure 29: The Master Development System Software Demo and EZConfiguration Tab with Changes
Figure 30: The Master Development System Software Latching (1) and Momentary (2) Symbols
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com