Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8536AT Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8536AT
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 25Page - NXP Semiconductors PCF8536AT Datasheet HTML 26Page - NXP Semiconductors PCF8536AT Datasheet HTML 27Page - NXP Semiconductors PCF8536AT Datasheet HTML 28Page - NXP Semiconductors PCF8536AT Datasheet HTML 29Page - NXP Semiconductors PCF8536AT Datasheet HTML 30Page - NXP Semiconductors PCF8536AT Datasheet HTML 31Page - NXP Semiconductors PCF8536AT Datasheet HTML 32Page - NXP Semiconductors PCF8536AT Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
29 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
8.5 I2C-bus controller
The PCA8576F acts as an I2C-bus slave receiver. It does not initiate I2C-bus transfers or
transmit data to an I2C-bus master receiver. The only data output from the PCA8576F are
the acknowledge signals of the selected devices. Device selection depends on the
I2C-bus slave address, on the transferred command data and on the hardware
subaddress.
In single device applications, the hardware subaddress inputs A0 and A1 are normally
tied to VSS which defines the hardware subaddress 0. In multiple device applications A0
and A1 are tied to VSS or VDD using a binary coding scheme, so that no two devices with a
common I2C-bus slave address have the same hardware subaddress.
8.6 Input filters
To enhance noise immunity in electrically adverse environments, RC low-pass filters are
provided on the SDA and SCL lines.
8.7 I2C-bus protocol
Two I2C-bus slave addresses (0111 000 and 0111 001) are used to address the
PCA8576F. The entire I2C-bus slave address byte is shown in Table 18.
The PCA8576F is a write-only device and will not respond to a read access, therefore bit
0 should always be logic 0. Bit 1 of the slave address byte that a PCA8576F will respond
to, is defined by the level tied to its SA0 input (VSS for logic 0 and VDD for logic 1).
Having two reserved slave addresses allows the following on the same I2C-bus:
• Up to 8 PCA8576F for very large LCD applications
• The use of two types of LCD multiplex drive
The I2C-bus protocol is shown in Figure 24. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of two possible PCA8576F
slave addresses available. All PCA8576Fs whose SA0 inputs correspond to bit 0 of the
slave address respond by asserting an acknowledge in parallel. This I2C-bus transfer is
ignored by all PCA8576Fs whose SA0 inputs are set to the alternative level.
Table 18.
I2C slave address byte
Slave address
Bit
7
6
5
4
3
2
1
0
MSB
LSB
01
11
00
SA0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com