Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZCKSD39 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZCKSD39
Description  Limit switch body, Limit switches XC Standard, ZCKS, 2NC1 NO, snap action, Pg13.5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZCKSD39 Datasheet(HTML) 2 Page - Schneider Electric

  ZCKSD39 Datasheet HTML 1Page - Schneider Electric ZCKSD39 Datasheet HTML 2Page - Schneider Electric ZCKSD39 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
[Ithe] conventional enclosed
thermal current
6 A
[Ui] rated insulation voltage
400 V (pollution degree 3) conforming to IEC 60947-1 for contact block
300 V conforming to CSA C22.2 No 14 for contact block
300 V conforming to UL 508 for contact block
Maximum resistance across
terminals
0.25 mOhm conforming to IEC 60255-7 category 3
[Uimp] rated impulse withstand
voltage
4 kV conforming to IEC 60664
4 kV conforming to IEC 60947-1
Short-circuit protection
6 A cartridge fuse, type gG
Electrical durability
5000000 cycles, DC-13 120 V, 1 W, operating rate <60 cyc/mn, load factor: 0.5 conforming to IEC
60947-5-1 appendix C
5000000 cycles, DC-13 24 V, 3 W, operating rate <60 cyc/mn, load factor: 0.5 conforming to IEC
60947-5-1 appendix C
5000000 cycles, DC-13 48 V, 2 W, operating rate <60 cyc/mn, load factor: 0.5 conforming to IEC
60947-5-1 appendix C
Width
40 mm
Height
73 mm
Depth
36 mm
Net weight
0.08 kg
Terminals description ISO n°1
(31-32)NC
(13-14)NO
(21-22)NC
Environment
IP degree of protection
IP65
IK degree of protection
IK03
Ambient air temperature for
operation
-25…70 °C for standard environment
Ambient air temperature for
storage
-40…70 °C
Environmental characteristic
Standard environment
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
73 g
Package 1 Height
4 cm
Package 1 width
4.5 cm
Package 1 Length
8 cm
Unit Type of Package 2
S02
Number of Units in Package 2
60
Package 2 Weight
4.877 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
2
Jan 14, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com