Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ECMF04-4HSM10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ECMF04-4HSM10
Description  Common mode filter with ESD protection for high speed serial interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF04-4HSM10 Datasheet(HTML) 2 Page - STMicroelectronics

  ECMF04-4HSM10 Datasheet HTML 1Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 2Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 3Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 4Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 5Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 6Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 7Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 8Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2:
Contact discharge
Air discharge
8
16
kV
IRMS
Maximum RMS current
100
mA
Top
Operating ambient temperature range
-55 to +125
°C
Tj
Maximum junction temperature
125
Tstg
Storage temperature range
-55 to +150
Figure 1. Electrical characteristics (definitions)
VCL
VBR
VRM
IRM
IR
IPP
V
I
VRM
Maximum stand-off voltage
VCL
Clamping voltage at peak pulse current IPP
IRM
Leakage current at VRM
IPP
Peak pulse current
VBR
Breakdown voltage
RDC
DC serial resistance
fC
Differential cut off frequency
Table 2. Electrical characteristics (Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
V
IRM
VRM = 3 V per line
100
nA
RDC
DC serial resistance
5
Ω
Table 3. Pin description
Pin number
Description
Pin number
Description
1
D1+ to connector
6
D2- to IC
2
D1- to connector
7
D2+ to IC
3
GND
8
GND
4
D2+ to connector
9
D1- to IC
5
D2- to connector
10
D1+ to IC
ECMF04-4HSM10
Characteristics
DS9770 - Rev 4
page 2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com