Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F730X8 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32F730X8
Description  Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, 64KB Flash /256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F730X8 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32F730X8 Datasheet HTML 2Page - STMicroelectronics STM32F730X8 Datasheet HTML 3Page - STMicroelectronics STM32F730X8 Datasheet HTML 4Page - STMicroelectronics STM32F730X8 Datasheet HTML 5Page - STMicroelectronics STM32F730X8 Datasheet HTML 6Page - STMicroelectronics STM32F730X8 Datasheet HTML 7Page - STMicroelectronics STM32F730X8 Datasheet HTML 8Page - STMicroelectronics STM32F730X8 Datasheet HTML 9Page - STMicroelectronics STM32F730X8 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 202 page
background image
Contents
STM32F730x8
6/202
DS12536 Rev 2
7
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 186
7.1
LQFP64 – 10 x 10 mm, low-profile quad flat package information . . . . . 186
7.2
LQFP100, 14 x 14 mm low-profile quad flat package information . . . . . 189
7.3
LQFP144, 20 x 20 mm low-profile quad flat package information . . . . . 192
7.4
UFBGA176+25, 10 x 10, 0.65 mm ultra thin-pitch ball grid
array package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 195
7.5
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 198
8
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 199
Appendix A Recommendations when using internal reset OFF . . . . . . . . . . . 200
A.1
Operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More