Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EVALSTWBC-EP Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALSTWBC-EP
Description  Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTWBC-EP Datasheet(HTML) 1 Page - STMicroelectronics

  EVALSTWBC-EP Datasheet HTML 1Page - STMicroelectronics EVALSTWBC-EP Datasheet HTML 2Page - STMicroelectronics EVALSTWBC-EP Datasheet HTML 3Page - STMicroelectronics EVALSTWBC-EP Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•
STWBC-EP digital controller
•
MP-A15 fixed frequency topology
•
15W output power
•
Flexible input voltage: 5V to 20V from USB connector
•
5W mode when connected to 5V USB input
•
WPC Qi1.2.4 standard compliant
•
Robust demodulation algorithm, with triple path (V, I, f)
•
Foreign Object Detection (FOD)
•
Active presence detection
•
UART protocol to control and monitor the system
•
Complete reference design (evaluation board, schematics, PCB layout, firmware
and tools)
•
2 layers PCB
•
Low standby power consumption
•
Flash memory based
•
CE certified
•
ROHS compliant
Description
The EVALSTWBC-EP is a wireless battery charger TX evaluation kit including
EVALSTWBC-EP demo-board and EVALWBCDNGV1 USB-UART dongle, designed
for charging devices such as smartphones or tablets where high power levels are
required.
The evaluation board supports wireless battery charging of Qi-compliant devices up
to 15W. It also supports proprietary fast charging modes up to 10W.
The EVALSTWBC-EP transmitter is based on the STWBC-EP and features a cost-
effective half bridge topology offering external interface via UART. The EVALSTWBC-
EP solution provides a complete kit, which includes demo board, its firmware, a
graphical interface for debug, the schematics, layout files and bill of materials.
Tools for EVALSTWBC-EP are available on www.st.com and allow users to access
runtime information such as power delivered, regulation error and protocol status.
Parameters can also be adjusted with these tools
Product status link
EVALSTWBC-EP
Product summary
Qi MP-A15 15W
wireless charger Tx
evaluation kit
EVALSTWBC-EP
USB-UART dongle
EVALWBCDNGV1
Firmware for
EVALSTBC-EP
STSW-STWBC-EP
Digital controller for
wireless battery
charger transmitters
(WBC) in 15W
medium power
applications
STWBC-EP
Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP
EVALSTWBC-EP
Data brief
DB3897 - Rev 1 - May 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - EVALSTWBC-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALST7590-1 STMICROELECTRONICS-EVALST7590-1 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
EVALSTDRIVE101 STMICROELECTRONICS-EVALSTDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
EVALSTGAP2SICSC STMICROELECTRONICS-EVALSTGAP2SICSC Datasheet
5Mb / 14P
Demonstration board for STGAP2SiCSC isolated 4 A single gate driver
Oct-2020
EVALSTGAP2SM STMICROELECTRONICS-EVALSTGAP2SM Datasheet
761Kb / 12P
Demonstration board for STGAP2SM isolated 4 A single gate driver
26-Oct-2018
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
Dual channel digital isolator evaluation board
26-Nov-2020
More results

Similar Description - EVALSTWBC-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB027V1 STMICROELECTRONICS-STEVAL-ISB027V1 Datasheet
355Kb / 6P
Qi A11 wireless charger transmitter evaluation board based on STWBC
02-Mar-2015
STEVAL-ISB038V1 STMICROELECTRONICS-STEVAL-ISB038V1 Datasheet
724Kb / 9P
1 W wearable wireless power system based on STWBC-WA and STWLC04
21-Nov-2016
STEVAL-ISB038V1T STMICROELECTRONICS-STEVAL-ISB038V1T Datasheet
1Mb / 7P
1 W wearable wireless power transmitter based on STWBC-WA
21-Nov-2016
STEVAL-ISB039V1 STMICROELECTRONICS-STEVAL-ISB039V1 Datasheet
562Kb / 7P
1 W wireless charger system Tx/Rx based on STM32F0 and STWLC03
15-Sep-2016
STEVAL-ISB044V1 STMICROELECTRONICS-STEVAL-ISB044V1 Datasheet
713Kb / 10P
Qi MP-A10 15 W wireless charger TX evaluation kit based onSTWBC-EP
09-Oct-2017
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
logo
NXP Semiconductors
IMX7ULPEVKFS NXP-IMX7ULPEVKFS Datasheet
282Kb / 2P
Evaluation Kit Based on i.MX 7ULP Applications Processors
2018
MCIMX6ULL-EVK NXP-MCIMX6ULL-EVK Datasheet
4Mb / 2P
Evaluation Kit Based on i.MX 6ULL Applications Processors
REV 2
logo
STMicroelectronics
STEVAL-ISB045V1 STMICROELECTRONICS-STEVAL-ISB045V1 Datasheet
751Kb / 7P
2.5 W wireless charger transmitter evaluation kit
18-Apr-2018
logo
Burland Technology Solu...
MB-FS80B BURLAND-MB-FS80B Datasheet
511Kb / 1P
QI WIRELESS CHARGER FAST CHARGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com