Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2182 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 2Page - Microchip Technology MIC2182 Datasheet HTML 3Page - Microchip Technology MIC2182 Datasheet HTML 4Page - Microchip Technology MIC2182 Datasheet HTML 5Page - Microchip Technology MIC2182 Datasheet HTML 6Page - Microchip Technology MIC2182 Datasheet HTML 7Page - Microchip Technology MIC2182 Datasheet HTML 8Page - Microchip Technology MIC2182 Datasheet HTML 9Page - Microchip Technology MIC2182 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MIC2182
DS20006644A-page 6
2022 Microchip Technology Inc. and its subsidiaries
SYNC Threshold Level
VSYNC_TH
0.7
1.3
1.9
V
SYNC Input Current
ISYNC
0.1
5
µA
VSYNC = 5V
SYNC Minimum Pulse Width
tSYNC(MIN) 200
ns
SYNC Capture Range
fSYNC
330
kHz
Note 2
Frequency Foldback Threshold VFOLD_TH 0.75
0.95
1.15
V
Measured at VOUT Pin
Foldback Frequency
fFOLD
60
kHz
Gate Drivers
Rise/Fall Time
tR, tF
60
ns
CLOAD = 3000 pF
Output Driver Impedance
RON_H
5
8.5
Ω
Source
RON_L
3.5
6
Sink
Driver Non-overlap Time
tNON
80
ns
PWM Input
PWM Input Source Current
IPWM_SRC
–10
µA
VPWM = 0V
1: VIN > 1.3 x VOUT (for the feedback voltage reference and output voltage line and total regulation).
2: See the Oscillator and Sync section for limitations on the synchronizing signal frequency.
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Ambient Storage Temperature Range
TS
–65
+150
°C
Ambient Temperature Range
TA
–40
+85
°C
Junction Temperature Range
TJ
–40
+125
°C
Package Thermal Resistances
Thermal Resistance SOIC 16-Ld
JA
100
°C/W —
Thermal Resistance SSOP 16-Ld
JA
150
°C/W —
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = 15V; SS = Open; VSHDN = 5V; ILOAD = 0.1A, TA = +25°C, Bold values indicate
–40°C ≤ TA ≤ +85°C; unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com