Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2941A Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2941A
Description  1.25A Low Dropout Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2941A Datasheet(HTML) 2 Page - Microchip Technology

  MIC2941A Datasheet HTML 1Page - Microchip Technology MIC2941A Datasheet HTML 2Page - Microchip Technology MIC2941A Datasheet HTML 3Page - Microchip Technology MIC2941A Datasheet HTML 4Page - Microchip Technology MIC2941A Datasheet HTML 5Page - Microchip Technology MIC2941A Datasheet HTML 6Page - Microchip Technology MIC2941A Datasheet HTML 7Page - Microchip Technology MIC2941A Datasheet HTML 8Page - Microchip Technology MIC2941A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MIC2940A/41A
DS20006000B-page 2
2018 - 2022 Microchip Technology Inc. and its subsidiaries
Typical Application Circuits
MIC2940A-5.0 FIXED +5V
REGULATOR
VIN
+VIN
VOUT
VOUT = 5V
GND
10μF
+
IN
OUT
GND AD JUST
SHUTDOWN
V
V
SHUTDOWN
INPUT
IN
+V
OUT
V
26V
1
R 100
pF
22μF
2
R
1.23V
RE F
V
VOUT =VREF x (1 +
)
1
R
2
R
OF F
ON
1.2V
MIC2941A ADJUSTABLE
REGULATOR
OUT
GND
ADJUST
V
VIN
+VIN
VOUT =V IN
MIC2941A WIDE INPUT VOLTAGE
RANGE CURRENT-LIMIT
MINIMUM INPUT-OUTPUT VOLTAGE
RANGES FROM 40MV TO 400MV,
DEPENDING ON
LOAD CURRENT
MIC2941A 5V OR 3.3V SELECTABLE
REGULATOR WITH SHUTDOWN
SHUTDOWN
V
GND
OUT
+VIN
ADJ
SHUTDOWN
INPUT
100pF
2N2222
1%
300k
Ω
+5V to +7V
1%
180k
Ω
+
10μF
470 k
Ω
OFF
ON
5V
3.3V
220k
Ω
1%
V CC OUT
Adjust Pin Low = Enable Output. Q1 ON = 3.3V, Q1 OFF = 5.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com