Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM8L051F3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM8L051F3
Description  8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 5Page - STMicroelectronics STM8L051F3 Datasheet HTML 6Page - STMicroelectronics STM8L051F3 Datasheet HTML 7Page - STMicroelectronics STM8L051F3 Datasheet HTML 8Page - STMicroelectronics STM8L051F3 Datasheet HTML 9Page - STMicroelectronics STM8L051F3 Datasheet HTML 10Page - STMicroelectronics STM8L051F3 Datasheet HTML 11Page - STMicroelectronics STM8L051F3 Datasheet HTML 12Page - STMicroelectronics STM8L051F3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
DS9178 Rev 4
9/96
STM8L051F3
Description
41
2
Description
STM8L051F3 is member of the STM8L ultra-low-power 8-bit family.
STM8L051F3 features an enhanced STM8 CPU core providing increased processing power
(up to 16 MIPS at 16 MHz) while maintaining the advantages of a CISC architecture with
improved code density, a 24-bit linear addressing space and an optimized architecture for
low-power operations.
The STM8L051F3 MCU includes an integrated debug module with a hardware interface
(SWIM) which allows non-intrusive In-Application debugging and ultra-fast Flash
programming. It features an embedded data EEPROM and low-power, low-voltage, single-
supply program Flash memory.
The device incorporates an extensive range of enhanced I/Os and peripherals, a 12-bit
ADC, a real-time clock, two 16-bit timers, one 8-bit timer, as well as standard
communication interfaces such as an SPI, an I2C interface, and one USART.
The modular design of the peripheral set allows this device to have the same peripherals
that can be found in different ST microcontroller families including 32-bit families. This
makes any transition to a different family very easy, supported also by the use of a common
set of development tools.
STM8L051F3 as all the value line STM8L ultra-low-power products are based on the same
architecture with the same memory mapping and a coherent pinout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com