Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH30M06S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH30M06S
Description  600 V, 30 A ultrafast high voltage diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30M06S Datasheet(HTML) 1 Page - STMicroelectronics

  STTH30M06S Datasheet HTML 1Page - STMicroelectronics STTH30M06S Datasheet HTML 2Page - STMicroelectronics STTH30M06S Datasheet HTML 3Page - STMicroelectronics STTH30M06S Datasheet HTML 4Page - STMicroelectronics STTH30M06S Datasheet HTML 5Page - STMicroelectronics STTH30M06S Datasheet HTML 6Page - STMicroelectronics STTH30M06S Datasheet HTML 7Page - STMicroelectronics STTH30M06S Datasheet HTML 8Page - STMicroelectronics STTH30M06S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
K
A
A
TO-3PF
A
K
A
Features
•
Ultrafast recovery, soft recovery
•
Low power losses at high switching frequency operations
•
Low leakage current
•
High junction temperature
•
High overcurrent capability
•
ECOPACK2 compliant
•
Insulated package TO-3PF:
–
Insulated voltage: 2000 VRMS
Applications
•
PFC
•
Boost diode
•
LLC clamping diode
Description
The STTH30M06S is an ultrafast recovery power rectifier especially suited for
boost or LLC clamping circuits working at high switching frequencies in heavy duty
applications such as air conditioning equipment or telecom power supplies.
Designed with the latest ST’s ultrafast technology, this 600 V 30 A diode in TO-3PF
has a robust behavior against electrostatic discharge and high overcurrent capability.
Product status
STTH30M06S
Product summary
Symbol
Value
IF(AV)
30 A
VRRM
600 V
trr(typ.)
25 ns
T j(max.)
175 °C
VF(typ.)
1.7 V
600 V, 30 A ultrafast high voltage diode
STTH30M06S
Datasheet
DS13736 - Rev 2 - June 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH30M06S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
119Kb / 10P
Ultrafast recovery diode
03-May-2006
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
STTH3002CG STMICROELECTRONICS-STTH3002CG Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH3002CG STMICROELECTRONICS-STTH3002CG Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
More results

Similar Description - STTH30M06S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
60 A, 600 V Ultrafast Diode
logo
Diodes Incorporated
FFPF30UA60S DIODES-FFPF30UA60S Datasheet
2Mb / 5P
30 A, 600 V, Ultrafast ll Diode
Rev erse
logo
STMicroelectronics
STTH30L06-Y STMICROELECTRONICS-STTH30L06-Y_V01 Datasheet
300Kb / 13P
Automotive 600 V, 30 A low drop ultrafast diode
October 2020
STTH30RQ06 STMICROELECTRONICS-STTH30RQ06 Datasheet
628Kb / 20P
600 V, 30 A ultrafast high voltage rectifier
March 2020
logo
ON Semiconductor
RURG3060CC-F085 ONSEMI-RURG3060CC-F085 Datasheet
488Kb / 7P
Ultrafast Rectifier 30 A, 600 V
February, 2020 - Rev. 4
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
STMicroelectronics
STTH30RQ06L2 STMICROELECTRONICS-STTH30RQ06L2 Datasheet
460Kb / 12P
600 V, 30 A ultrafast high voltage rectifier
03-Dec-2021
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
STTH60RQ06CWL STMICROELECTRONICS-STTH60RQ06CWL Datasheet
377Kb / 11P
600 V, 2 X 30 A ultrafast high voltage rectifier
07-Feb-2023
logo
Fairchild Semiconductor
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com