Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC582BX Datasheet(PDF) 46 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 42Page - STMicroelectronics SPC582BX Datasheet HTML 43Page - STMicroelectronics SPC582BX Datasheet HTML 44Page - STMicroelectronics SPC582BX Datasheet HTML 45Page - STMicroelectronics SPC582BX Datasheet HTML 46Page - STMicroelectronics SPC582BX Datasheet HTML 47Page - STMicroelectronics SPC582BX Datasheet HTML 48Page - STMicroelectronics SPC582BX Datasheet HTML 49Page - STMicroelectronics SPC582BX Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 115 page
background image
Electrical characteristics
SPC582Bx
46/115
DS11597 Rev 4
4.12.2
SAR ADC 12 bit electrical specification
The SARn ADCs are 12-bit Successive Approximation Register analog-to-digital converters
with full capacitive DAC. The SARn architecture allows input channel multiplexing.
Note:
The functional operating conditions are given in the DC electrical specifications. Absolute
maximum ratings are stress ratings only, and functional operation at the maxima is not
guaranteed. Stress beyond the listed maximum may affect device reliability or cause
permanent damage to the device.
CS
CC D SAR ADC sampling capacitance
5
pF
RSWn
CC D Analog switches resistance
0
1.8
k
Ω
RAD
CC D
ADC input analog switches
resistance
SARn 12-bit
0.8
k
Ω
RCMSW
CC D Common mode switch resistance
Sum of the two
resistances
—9
k
Ω
RCMRL
CC D Common mode resistive ladder
k
Ω
RSAFEPD(1)
CC D
Discharge resistance for ADC
input-only pins (strong pull-down
for safety)
VDD_HV_IO = 5.0 V ± 10%
300
W
VDD_HV_IO = 3.3 V ± 10%
500
W
CEXT
SR —
External capacitance at the pad
input pin
To preserve the accuracy of the ADC, it is necessary
that analog input pins have low AC impedance.
Placing a capacitor with good high frequency
characteristics at the input pin of the device can be
effective: the capacitor should be as large as
possible. This capacitor contributes to attenuating
the noise present on the input pin. The impedance
relative to the signal source can limit the ADC’s
sample rate.
1. It enables discharge of up to 100 nF from 5 V every 300 ms. Refer to the device pinout Microsoft Excel file attached to the
IO_Definition document for the pads supporting it.
Table 24. ADC pin specification (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
Table 25. SARn ADC electrical specification
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
fADCK
SR
P
Clock frequency
Standard frequency mode
7.5
13.33
MHz
T
High frequency mode
>13.33
16.0
tADCINIT
SR
— ADC initialization time
1.5
µs
tADCBIASINIT
SR
ADC BIAS
initialization time
—5
µs
tADCPRECH
SR
T
ADC decharge time
Fast channel
1/fADCK
µs
Standard channel
2/fADCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com