Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC58EHX Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC58EHX
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EHX Datasheet(HTML) 1 Page - STMicroelectronics

  SPC58EHX Datasheet HTML 1Page - STMicroelectronics SPC58EHX Datasheet HTML 2Page - STMicroelectronics SPC58EHX Datasheet HTML 3Page - STMicroelectronics SPC58EHX Datasheet HTML 4Page - STMicroelectronics SPC58EHX Datasheet HTML 5Page - STMicroelectronics SPC58EHX Datasheet HTML 6Page - STMicroelectronics SPC58EHX Datasheet HTML 7Page - STMicroelectronics SPC58EHX Datasheet HTML 8Page - STMicroelectronics SPC58EHX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 147 page
background image
This is information on a product in full production.
June 2021
DS12304 Rev 5
1/147
SPC58EHx, SPC58NHx
SPC58 H Line - 32 bit Power Architecture automotive MCU
Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
Datasheet
- production data
Features
• AEC-Q100 qualified
• High performance e200z4 triple core:
– 32-bit Power Architecture technology CPU
– Core frequency as high as 200 MHz
– Variable Length Encoding (VLE)
– Floating Point, End-to-End Error Correction
• 10496 KB (10240 KB code Flash + 256 KB
data Flash) on-chip Flash memory:
– Supports read during program and erase
operations, and multiple blocks allowing
EEPROM emulation
– Supports read while read between the two
code Flash partitions
– Hardware support for Flash context
switching (for FOTA with multi software
versions)
• 1088 KB on-chip general-purpose SRAM (in
addition to 192 KB core local data RAM):
– 64 KB in CPU_0, 64 KB in CPU_1 and
64 KB in CPU_2
• 224 KB HSM dedicated Flash memory (192 KB
code + 32 KB data)
• Multi-channel direct memory access controller
(eDMA):
– One eDMA with 64 channels
– One eDMA with 16 channels
• One interrupt controller (INTC)
• Comprehensive new generation ASIL-D safety
concept:
– ASIL-D of ISO 26262
– One CPU channel in lockstep
–Logic BIST
– FCCU for collection and reaction to failure
notifications
– Memory BIST
– Cyclic redundancy check (CRC) unit
– Memory Error Management Unit (MEMU)
for collection and reporting of error events
in memories
• Crossbar switch architecture for concurrent
access to peripherals, Flash, or RAM from
multiple bus masters with end-to-end ECC
• Body cross triggering unit (BCTU):
– Triggers ADC conversions from any eMIOS
channel
– Triggers ADC conversions from up to 2
dedicated PIT_RTIs
• Enhanced modular IO subsystem (eMIOS):
– up to 96 timed IO channels with 16-bit
counter resolution
• Enhanced analog-to-digital converter system
with:
– 4 independent fast 12-bit SAR analog
converters
– One supervisor 12-bit SAR analog
converter
– One standby 10-bit SAR analog converter
– 100 ADC channels
• Communication interfaces:
– 24 LINFlexD modules
– 10 deserial serial peripheral interface
(DSPI) modules
– 1 deserial serial peripheral interface
(DSPI_LP) module available in low power
mode
eTQFP144 (20 x 20 x 1.0 mm)
FPBGA302 (17 x 17 x 1.8 mm)
eLQFP176 (24 x 24 x 1.4 mm)
FPBGA386 (19 x 19 x 1.8 mm)
www.st.com


Similar Part No. - SPC58EHX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC58EHX STMICROELECTRONICS-SPC58EHX Datasheet
300Kb / 7P
A scalable approach for high-end body, networking and security platforms for Automotive
15-Jul-2020
More results

Similar Description - SPC58EHX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST22FJ1M STMICROELECTRONICS-ST22FJ1M Datasheet
100Kb / 8P
Smartcard 32-Bit RISC MCU with 1 Mbytes FLASH & Javacard??HW Execution
Dec-2003
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC58NH-DISP STMICROELECTRONICS-SPC58NH-DISP Datasheet
538Kb / 7P
SPC58 H Line Discovery Board
13-Mar-2020
SPC584CX STMICROELECTRONICS-SPC584CX Datasheet
2Mb / 153P
SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
May 2021
SPC582BX STMICROELECTRONICS-SPC582BX Datasheet
2Mb / 115P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
01-Dec-2020
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com