Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP13N60DM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP13N60DM2
Description  N-channel 600 V, 0.310 Ω typ., 11 A MDmesh™ DM2 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP13N60DM2 Datasheet(HTML) 5 Page - STMicroelectronics

  STP13N60DM2 Datasheet HTML 1Page - STMicroelectronics STP13N60DM2 Datasheet HTML 2Page - STMicroelectronics STP13N60DM2 Datasheet HTML 3Page - STMicroelectronics STP13N60DM2 Datasheet HTML 4Page - STMicroelectronics STP13N60DM2 Datasheet HTML 5Page - STMicroelectronics STP13N60DM2 Datasheet HTML 6Page - STMicroelectronics STP13N60DM2 Datasheet HTML 7Page - STMicroelectronics STP13N60DM2 Datasheet HTML 8Page - STMicroelectronics STP13N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GIPG131120181354SOA
101
100
10-1
10-1
100
101
102
ID
(A)
VDS (V)
tp =10 µs
tp =100 µs
tp =1 ms
tp =10 ms
tp =1 µs
single pulse
TJ≤150 °C
TC=25 °C
VGS=10 V
Operation in this area
is limited by R DS(on)
Figure 2. Thermal impedance
Figure 3. Output characteristics
GIPG070420161613OCH
25
20
15
10
5
0
0
4
8
12
16
I D
(A)
V DS (V)
V GS = 5 V
V GS = 8, 9, 10 V
V GS = 6 V
V GS = 7 V
Figure 4. Transfer characteristics
GIPG070420161613TCH
25
20
15
10
5
0
0
2
4
6
8
10
I D
(A)
V GS (V)
V DS = 20 V
Figure 5. Gate charge vs gate-source voltage
GIPG070420161614QVG
12
10
8
6
4
2
0
600
500
400
300
200
100
0
0
4
8
12
16
20
V GS
(V)
V DS
(V)
Q g (nC)
V DD = 480 V
I D = 11 A
V DS
Figure 6. Static drain-source on-resistance
GIPG070420161610RID
0.33
0.32
0.31
0.3
0.29
0
2
4
6
8
10
R DS(on)
(Ω)
I D (A)
V GS =10 V
STP13N60DM2
Electrical characteristics (curves)
DS12837 - Rev 1
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com