Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH30RQ06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH30RQ06
Description  600 V, 30 A ultrafast high voltage rectifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30RQ06 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH30RQ06 Datasheet HTML 1Page - STMicroelectronics STTH30RQ06 Datasheet HTML 2Page - STMicroelectronics STTH30RQ06 Datasheet HTML 3Page - STMicroelectronics STTH30RQ06 Datasheet HTML 4Page - STMicroelectronics STTH30RQ06 Datasheet HTML 5Page - STMicroelectronics STTH30RQ06 Datasheet HTML 6Page - STMicroelectronics STTH30RQ06 Datasheet HTML 7Page - STMicroelectronics STTH30RQ06 Datasheet HTML 8Page - STMicroelectronics STTH30RQ06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Table 4. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
-
30
ns
IF = 1 A, VR = 30 V, dlF/dt = -50 A/µs
-
40
55
IRM
Reverse recovery current
Tj = 125 °C IF = 30 A, VR = 400 V, dlF/dt = -200 A/µs
-
8
11
A
QRR
Reverse recovery charge
-
485
nC
trr
Reverse recovery time
-
95
ns
STTH30RQ06
Characteristics
DS12164 - Rev 5
page 3/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com